Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-79EEPZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-79EEPZ
Description  40 Gb and 10 Gb Ethernet Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-79EEPZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-79EEPZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EEPZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EEPZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EEPZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EEPZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EEPZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EEPZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EEPZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EEPZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Avago Technologies Confidential
Table 1. Absolute Maximum Ratings
Stress in excess of any of the individual Absolute Maximum Ratings can cause immediate catastrophic damage to the
module even if all other parameters are within recommended operating conditions. It should not be assumed that
limiting values of more than one parameter can be applied to the module concurrently. Exposure to any of the Absolute
Maximum Ratings for extended periods can adversely affect reliability.
Parameter
Symbol
Min
Max
Units
Reference
Storage Temperature
Ts
-40
85
°C
3.3 V Power Supply Voltage
Vcc
-0.5
3.6
V
Data Input Voltage – Single Ended
-0.5
Vcc+0.5
V
Data Input Voltage – Differential
|Vdip - Vdin|
1.0
V
1
Control Input Voltage
Vi
-0.5
Vcc+0.5, 3.6
V
Control Output Current
Io
-20
20
mA
Relative Humidity
RH
5
95
%
Note 1. This is the maximum voltage that can be applied across the differential inputs without damaging the input circuitry.
Table 2. Recommended Operating Conditions
Recommended Operating Conditions specify parameters for which the optical and electrical characteristics hold
unless otherwise noted. Optical and electrical characteristics are not defined for operation outside the Recommended
Operating Conditions, reliability is not implied and damage to the module may occur for such operation over an
extended period of time.
Parameter
Symbol
Min
Typ
Max
Units
Reference
Case Temperature
Tc
0
40
70
°C
1
3.3 V Power Supply Voltage
Vcc
3.135
3.3
3.465
V
Signal Rate per Channel
10.3125
GBd
2
Control* Input Voltage High
Vih
2
Vcc+.3
V
Control* Input Voltage Low
Vil
-0.3
0.8
V
Two Wire Serial (TWS) Interface Clock Rate
400
kHz
Power Supply Noise
50
mVpp
3
Receiver Differential Data Output Load
100
Ohms
Fiber Length: to QSFP+ eSR4 (OM3/OM4)
0.5
300/400
m
4, 5
Fiber Length: to 10GBASE-SR (OM3/OM4)
0.5
300/400
m
4, 5
Fiber Length: to 40GBASE-SR4 (OM3/OM4)
0.5
100/150
m
4, 6
* Control signals, LVTTL (3.3 V) compatible
Notes:
1. The position of case temperature measurement is shown in Figure 8.
2. 64b/66b coding is assumed
3. Power Supply Noise is defined as the peak-to-peak noise amplitude over the frequency range at the host supply side of the recommended power
supply filter with the module and recommended filter in place. Voltage levels including peak-to-peak noise are limited to the recommended
operating range of the associated power supply. See Figure 9 for recommended power supply filter.
4. OM3 fiber is 2000 MHz·km 50µm MMF, and OM4 fiber is 4700 MHz·km 50µm MMF.
5. Channel insertion loss included with 1.5dB allocated for connection and splice loss.
6. Channel insertion loss included with 1.5dB (OM3) / 1dB (OM4) allocated for connection and splice loss.
Table 3. Transceiver Electrical Characteristics*
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted. Typical
values are for Tc = 40°C, Vcc = 3.3 V
Parameter
Symbols
Min
Typ
Max
Units
Reference
Transceiver Power Consumption
1.5
W
Transceiver Power Supply Current
475
mA
Transceiver Power On Initialization Time
tpwr init
2000
ms
1
* For control signal timing including ModSelL, LPMode, ResetL, ModPrsL, IntL, SCL and SDA see Control Interface Section.
Note:
1. Power On InitializationTime is the time from when the supply voltages reach and remain above the minimum Recommended Operating Conditions
to the time when the module enables TWS access. The module at that point is fully functional.


Similar Part No. - AFBR-79EEPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79E3PZ AVAGO-AFBR-79E3PZ Datasheet
767Kb / 21P
   Ethernet Applications
AFBR-79E4Z-D AVAGO-AFBR-79E4Z-D Datasheet
160Kb / 2P
   4 Channels Quad Small Form Factor Pluggable Parallel Optics Transceiver
logo
ATGBICS by Approved Tec...
AFBR-79EADZ-C ATGBICS-AFBR-79EADZ-C Datasheet
592Kb / 15P
   AFBR-79EADZ Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM, Ext Temp)
AFBR-79EADZ-HW1-C ATGBICS-AFBR-79EADZ-HW1-C Datasheet
593Kb / 15P
   AFBR-79EADZ-HW1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM, Ext Temp)
AFBR-79EADZ-NK1-C ATGBICS-AFBR-79EADZ-NK1-C Datasheet
542Kb / 15P
   AFBR-79EADZ-NK1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM, Ext Temp)
More results

Similar Description - AFBR-79EEPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EQPZ AVAGO-AFBR-79EQPZ_15 Datasheet
656Kb / 20P
   40 Gb Ethernet and InfiniBand Applications
AFBR-79EIPZ AVAGO-AFBR-79EIPZ Datasheet
644Kb / 20P
   4 x 10 Gb Ethernet and InfiniBand Applications
AFBR-79EQPZ AVAGO-AFBR-79EQPZ Datasheet
656Kb / 20P
   QSFP Pluggable, Parallel Fiber-Optics Module for 40 Gb Ethernet and InfiniBand Applications
logo
Texas Instruments
TLK2201JR TI1-TLK2201JR Datasheet
358Kb / 20P
[Old version datasheet]   1.0 Gb to 1.6 Gb SMALL FORM-FACTOR ETHERNET TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-707X2DEM AVAGO-HFBR-707X2DEM Datasheet
604Kb / 28P
   10 Gb Ethernet, 1310 nm, 10GBASE-LRM, X2 Transceiver
logo
Ericsson
PGT20401 ERICSSON-PGT20401 Datasheet
304Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20404 ERICSSON-PGT20404 Datasheet
305Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20406 ERICSSON-PGT20406 Datasheet
304Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20403 ERICSSON-PGT20403 Datasheet
316Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
PGT20405 ERICSSON-PGT20405 Datasheet
297Kb / 4P
   DFB/EA Laser Module for 10 Gb/s Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com