Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-79EQPZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-79EQPZ
Description  40 Gb Ethernet and InfiniBand Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-79EQPZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-79EQPZ_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-79EQPZ_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Regulatory Compliance Table
Feature
Test Method
Performance
Electrostatic Discharge
(ESD) to the Electrical
Contacts
JEDEC Human Body Model (HBM)
(JESD22-A114-B)
JEDEC Charge Device Model (CDM)
(JESD22-C101D)
Transceiver module withstands 1 kV on high-
speed pins and 2 kV on low-speed pins
Transceiver module withstands 250V
Electrostatic Discharge (ESD)
to Optical connector
GR1089
10 discharges of 8 kV on the electrical faceplate
with device inserted into a panel
Electrostatic Discharge
(ESD) to Optical Connector
Variation of EN 61000-4-2
Air discharge of 15 kV(min) to connector w/o
damage
Electromagnetic Interference
(EMI)
FCC Part 15 CENELEC EN55022
(CISPR 22A) VCCI Class 1
Typically passes with 10 dB margin. Actual
performance dependent on enclosure design
Immunity
Variation of EN 61000-4-3
Typically minimum effect from a 10 V/m field
swept from 80 MHz to 1 GHz applied to the
module without a chassis enclosure
Laser Eye Safety and
Equipment Type Testing
EN 60825-1:2007
Pout: EN AEL & US FDA CDRH Class 1M
Component Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment including Electrical Business
Equipment
UL File Number: E173874
RoHS Compliance
BS EN 1122:2001 Mtd B by ICP for Cadmium,
EPA Method 3051A by ICP for Lead and
Mercury, EPA Method 3060A & 7196A by
UV/Vis Spectrophotometry for Hexavalent
Chromium. EPA Method 3540C/3550B by
GC/MS for PPB and PBDE
BS EN method by ICP and EPA methods by ICP,
UV/Vis Spectrophotometry and GC/MS.
Less than 100 ppm of cadmium,
Less than 1000 ppm of lead, mercury,
hexavalent chromium, polybrominated
biphenyls, and polybrominated biphenyl esters.


Similar Part No. - AFBR-79EQPZ_15

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-79EQPZ-AR2-C ATGBICS-AFBR-79EQPZ-AR2-C Datasheet
542Kb / 15P
   AFBR-79EQPZ-AR2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BR1-C ATGBICS-AFBR-79EQPZ-BR1-C Datasheet
594Kb / 15P
   AFBR-79EQPZ-BR1 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BR2-C ATGBICS-AFBR-79EQPZ-BR2-C Datasheet
542Kb / 15P
   AFBR-79EQPZ-BR2 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-BX5-C ATGBICS-AFBR-79EQPZ-BX5-C Datasheet
594Kb / 15P
   AFBR-79EQPZ-BX5 Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
AFBR-79EQPZ-C ATGBICS-AFBR-79EQPZ-C Datasheet
593Kb / 15P
   AFBR-79EQPZ Avago Broadcom Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
More results

Similar Description - AFBR-79EQPZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79EIPZ AVAGO-AFBR-79EIPZ Datasheet
644Kb / 20P
   4 x 10 Gb Ethernet and InfiniBand Applications
AFBR-79EEPZ AVAGO-AFBR-79EEPZ Datasheet
697Kb / 20P
   40 Gb and 10 Gb Ethernet Applications
AFBR-79EQPZ AVAGO-AFBR-79EQPZ Datasheet
656Kb / 20P
   QSFP Pluggable, Parallel Fiber-Optics Module for 40 Gb Ethernet and InfiniBand Applications
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
AFBR-79EQDZ AVAGO-AFBR-79EQDZ Datasheet
632Kb / 19P
   40 Gigabit Ethernet & InfiniBand QSFP Pluggable, Parallel Fiber-Optics Module
AFBR-79EIDZ AVAGO-AFBR-79EIDZ Datasheet
644Kb / 19P
   QSFP iSR4 Pluggable, Parallel Fiber-Optics Module for 40Gb Ethernet, 4 x 10Gb Ethernet and InfiniBand Applications
logo
List of Unclassifed Man...
AOC-CIBF-M1 ETC2-AOC-CIBF-M1 Datasheet
437Kb / 1P
   Compact and Powerful InfiniBand FDR Adapter
AOC-UIBF-M1 ETC2-AOC-UIBF-M1 Datasheet
417Kb / 1P
   Compact and Powerful InfiniBand FDR Adapter
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79E3PZ AVAGO-AFBR-79E3PZ Datasheet
767Kb / 21P
   Ethernet Applications
logo
List of Unclassifed Man...
AOC-CIBQ-M1 ETC2-AOC-CIBQ-M1 Datasheet
391Kb / 1P
   Compact and Powerful InfiniBand QDR Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com