Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-709DMZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-709DMZ
Description  SFP Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-709DMZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-709DMZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Figure 2. Typical application configuration.
Figure 3. Recommended power supply filter.
4.7 µH
4.7 µH
0.1 µF
VCC R
SFP MODULE
22 µF
VCC T
0.1 µF
0.1 µF
3.3 V
HOST BOARD
0.1 µF
NOTE: INDUCTORS MUST HAVE LESS THAN 1
Ω SERIES RESISTANCE TO LIMIT VOLTAGE DROP TO THE SFP MODULE.
22 µF
LASER DRIVER
MODULE DETECT
LOSS OF SIGNAL
SCL
SDA
Tx_FAULT
Tx_DISABLE
TD+
Tx FAULT
Tx DIS
TD-
RD+
RD-
MOD_DEF2
MOD_DEF1
MOD_DEF0
GND,R
4.7 k to
10 k
50
50
4.7 k to 10 k
4.7 k to 10 k
PROTOCOL IC
VCC,T
VCC,T
VCC,R
µF
3.3 V
SERDES IC
Rx LOS
GND,T
0.1 µF
0.1 µF
POST AMPLIFIER
100
4.7 k to 10 k
100
10 k
0.1 µF
VCC,R
0.1 µF
4.7 k to 10 k
VCC,R
4.7 µH
22 µF
3.3 V
4.7 µH
0.1 µF
0.1 µF
22 µF
0.1 µF
0.1 µF


Similar Part No. - AFBR-709DMZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-709DMZ-C ATGBICS-AFBR-709DMZ-C Datasheet
355Kb / 11P
   AFBR-709DMZ Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
AFBR-709DMZ-IN2-C ATGBICS-AFBR-709DMZ-IN2-C Datasheet
356Kb / 11P
   AFBR-709DMZ-IN2 Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
AFBR-709DMZ-SN1-C ATGBICS-AFBR-709DMZ-SN1-C Datasheet
356Kb / 11P
   AFBR-709DMZ-SN1 Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
AFBR-709DMZ-SN2-C ATGBICS-AFBR-709DMZ-SN2-C Datasheet
356Kb / 11P
   AFBR-709DMZ-SN2 Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
More results

Similar Description - AFBR-709DMZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709JAMZ AVAGO-AFBR-709JAMZ Datasheet
507Kb / 18P
   SFP Transceiver
AFBR-709HDZ AVAGO-AFBR-709HDZ Datasheet
616Kb / 18P
   SFP Transceiver
AFBR-709ISMZ AVAGO-AFBR-709ISMZ Datasheet
527Kb / 19P
   SFP Transceiver
AFBR-709SMZ AVAGO-AFBR-709SMZ_15 Datasheet
492Kb / 19P
   SFP Transceiver
AFCT-701SDDZ AVAGO-AFCT-701SDDZ_15 Datasheet
268Kb / 20P
   SFP Transceiver
logo
OPLINK Communications I...
TPP1XGDS0XG-0983 OPLINK-TPP1XGDS0XG-0983 Datasheet
265Kb / 6P
   850nm SFP Transceiver
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
TPP3XGDS0C000E2G OPLINK-TPP3XGDS0C000E2G Datasheet
461Kb / 6P
   850nm SFP Transceiver
logo
Finisar Corporation.
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
List of Unclassifed Man...
MXP-243S ETC2-MXP-243S Datasheet
302Kb / 7P
   1.25G SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com