Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-709DMZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-709DMZ
Description  SFP Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-709DMZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-709DMZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
to the Electrical Pins
MIL-STD-883C
Method 3015.4
Class 1 (> 2000 Volts)
Electrostatic Discharge (ESD)
to the Duplex LC Receptacle
IEC 61000-4-2
Typically, no damage occurs with 25 kV when
the duplex LC connector receptacle is con-
tacted by a Human Body Model probe.
IEC 61000-4-2
10 contacts of 8 kV on the electrical faceplate
with device inserted into a panel.
Electrostatic Discharge (ESD)
to the Optical Connector
IEC 61000-4-2
Air discharge of 15 kV (min.)
contact to connector without damage.
Electromagnetic Interference
(EMI)
FCC Class B
CENELEC EN55022 Class B
(CISPR 22A)
VCCI Class A
System margins are dependent on customer
board and chassis design.
Immunity
IEC 61000-4-3
Typically shows no measurable effect from a
10 V/m field swept from 10 MHz to 1 GHz.
Laser Eye Safety and
Equipment Type Testing
US FDA CDRH AEL Class 1
US21 CFR, Subchapter J per
Paragraphs 1002.10
and 1002.12
(IEC) EN 60825-1: 2007
(IEC) EN 60825-2: 2004+A1
(IEC) EN 60950-1: 2006+A11
CDRH Certification No.: 9720151-128
TUV file: R 72121699
Component Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment including Electrical Business
Equipment
UL file: E173874, Vol. 1
RoHS Compliance
RoHS Directive 2002/95/EC and
it’s amendment directives 6/6
SGS Test Report No. LPC/13392 (AD-1)/07
CTS Ref. CTS/07/3283/Avago
BAUART
GEPRUFT
TYPE
APPROVED
TUV
Rheinland
Product Safety
¬
¬


Similar Part No. - AFBR-709DMZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-709DMZ-C ATGBICS-AFBR-709DMZ-C Datasheet
355Kb / 11P
   AFBR-709DMZ Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
AFBR-709DMZ-IN2-C ATGBICS-AFBR-709DMZ-IN2-C Datasheet
356Kb / 11P
   AFBR-709DMZ-IN2 Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
AFBR-709DMZ-SN1-C ATGBICS-AFBR-709DMZ-SN1-C Datasheet
356Kb / 11P
   AFBR-709DMZ-SN1 Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
AFBR-709DMZ-SN2-C ATGBICS-AFBR-709DMZ-SN2-C Datasheet
356Kb / 11P
   AFBR-709DMZ-SN2 Avago Broadcom Compatible Transceiver SFP 1.25/10GBase-SR/SW (850nm, MMF, 300m, DOM)
More results

Similar Description - AFBR-709DMZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-709JAMZ AVAGO-AFBR-709JAMZ Datasheet
507Kb / 18P
   SFP Transceiver
AFBR-709HDZ AVAGO-AFBR-709HDZ Datasheet
616Kb / 18P
   SFP Transceiver
AFBR-709ISMZ AVAGO-AFBR-709ISMZ Datasheet
527Kb / 19P
   SFP Transceiver
AFBR-709SMZ AVAGO-AFBR-709SMZ_15 Datasheet
492Kb / 19P
   SFP Transceiver
AFCT-701SDDZ AVAGO-AFCT-701SDDZ_15 Datasheet
268Kb / 20P
   SFP Transceiver
logo
OPLINK Communications I...
TPP1XGDS0XG-0983 OPLINK-TPP1XGDS0XG-0983 Datasheet
265Kb / 6P
   850nm SFP Transceiver
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
TPP3XGDS0C000E2G OPLINK-TPP3XGDS0C000E2G Datasheet
461Kb / 6P
   850nm SFP Transceiver
logo
Finisar Corporation.
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
List of Unclassifed Man...
MXP-243S ETC2-MXP-243S Datasheet
302Kb / 7P
   1.25G SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com