Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3093ECSE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3093ECSE
Description  짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3093ECSE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3093ECSE Datasheet HTML 1Page - Maxim Integrated Products MAX3093ECSE Datasheet HTML 2Page - Maxim Integrated Products MAX3093ECSE Datasheet HTML 3Page - Maxim Integrated Products MAX3093ECSE Datasheet HTML 4Page - Maxim Integrated Products MAX3093ECSE Datasheet HTML 5Page - Maxim Integrated Products MAX3093ECSE Datasheet HTML 6Page - Maxim Integrated Products MAX3093ECSE Datasheet HTML 7Page - Maxim Integrated Products MAX3093ECSE Datasheet HTML 8Page - Maxim Integrated Products MAX3093ECSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
±15kV ESD-Protected, 10Mbps, 3V/5V,
Low-Power Quad RS-422/RS-485 Receivers
4
_______________________________________________________________________________________
IEC 1000-4-2 Contact Discharge
IEC 1000-4-2 Air-Gap Discharge
Human Body Model
Outputs disabled
No load, outputs enabled
CONDITIONS
±8
±15
kV
±15
ESD Protection
(Note 2)
µA
0.001
10
mA
2.4
4.0
ICC
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DC ELECTRICAL CHARACTERISTICS—MAX3094E (continued)
(VCC = +3.0V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.) (Note 1)
VCC = +3.3V ±5%, TA = TMIN to TMAX
Figure 3
Figure 3
|VID| = 3V, Figure 2, matched conditions
Figure 3
Figure 3
CONDITIONS
Mbps
10
fMAX
Maximum Data Rate
ns
80
180
tHZ
Output Disable Time from
High Level
ns
80
180
tLZ
Output Disable Time from
Low Level
88
98
108
69
123
ns
600
1000
tZH
Output Enable Time to
High Level
ns
600
1000
tZL
Output Enable Time to
Low Level
ns
20
Device-to-Device Propagation-
Delay Matching
82
92
102
78
88
98
69
79
89
103
113
123
91
101
111
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
SWITCHING CHARACTERISTICS—MAX3094E
(VCC = +3.0V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.)
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device
ground, unless otherwise noted.
Note 2: Receiver inputs (_+, _-).
Figure 2
ns
-1
±10
tSK
Propagation-Delay Skew
(tPLH - tPHL)
TA = +85°C
TA = +25°C
TA = -40°C
TA = +85°C
TA = +25°C
TA = -40°C
RIN
Receiver Input Resistance
-7V
≤ VCM ≤ 12V
k
48
VOL
Receiver Output Low Voltage
IOUT = 2.5mA, VID = -200mV,
output enabled, Figure 1
V
0.4
VCC = 3.60V
VCC = 3.00V
tPLH, tPHL
Input-to-Output Propagation
Delay
ns
TA = +70°C
86
106
TA = +70°C
100
120
|VID| = 3V,
Figure 2
IOSR
Output Short-Circuit Current
0
≤ VOUT ≤ VCC, output enabled
mA
±4
±60
IOZR
Three-State Current at Receiver
Output
0
≤ VOUT ≤ VCC, output disabled
µA
±1


Similar Part No. - MAX3093ECSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX309 MAXIM-MAX309 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX309 MAXIM-MAX309 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
More results

Similar Description - MAX3093ECSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3097E MAXIM-MAX3097E Datasheet
354Kb / 16P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com