Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDD2210SF-S1R5K-1 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDD2210SF-S1R5K-1
Description  Wide Input Isolated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD2210SF-S1R5K-1 Datasheet(HTML) 1 Page - Central Technologies

  CTDD2210SF-S1R5K-1 Datasheet HTML 1Page - Central Technologies CTDD2210SF-S1R5K-1 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
SPECIFICATIONS
Vin
Vin
Iout
Iout
Effi.
Part
Nom.
Input Range
Max.*
Vout
Max.
Min.
Typ.
Number
(VDC)
(VDC)
(VDC)
(VDC)
(mA)
(mA)
(%)
CTDD2210SF-0505-S1.5K-1
5
4.5-9
11
5
200
20
71
CTDD2210SF-0509-S1.5K-1
5
4.5-9
11
9
110
11
73
CTDD2210SF-0512-S1.5K-1
5
4.5-9
11
12
84
8
77
CTDD2210SF-0515-S1.5K-1
5
4.5-9
11
15
66
6
78
CTDD2210SF-1205-S1.5K-1
12
9-18
22
5
200
20
75
CTDD2210SF-1209-S1.5K-1
12
9-18
22
9
110
11
78
CTDD2210SF-1212-S1.5K-1
12
9-18
22
12
84
8
77
CTDD2210SF-1215-S1.5K-1
12
9-18
22
15
66
6
80
CTDD2210SF-1505-S1.5K-1
15
12-24
30
5
200
20
75
CTDD2210SF-1509-S1.5K-1
15
12-24
30
9
110
11
79
CTDD2210SF-1512-S1.5K-1
15
12-24
30
12
84
8
80
CTDD2210SF-1515-S1.5K-1
15
12-24
30
15
66
6
81
CTDD2210SF-2405-S1.5K-1
24
18-36
40
5
200
20
75
CTDD2210SF-2409-S1.5K-1
24
18-36
40
9
110
11
80
CTDD2210SF-2412-S1.5K-1
24
18-36
40
12
84
8
81
CTDD2210SF-2415-S1.5K-1
24
18-36
40
15
66
6
81
CTDD2210SF-4805-S1.5K-1
48
36-72
80
5
200
20
76
CTDD2210SF-4809-S1.5K-1
48
36-72
80
9
110
11
81
CTDD2210SF-4812-S1.5K-1
48
36-72
80
12
84
8
82
CTDD2210SF-4815-S1.5K-1
48
36-72
80
15
66
6
83
*If Input voltage above specified may cause permanent damage to the device.
ISOLATION SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
Isolation Voltage
Tested for 1 minute
1500
VDC
Isolation Resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
1W Output Power
0.1
1
W
Output voltage accuracy
Refer to Recommended Circuit
±1
±3
%
Load regulation
From 10% to 100% load
±0.5
±0.75
%
Line regulation
Input Voltage from low to high
±0.2
±0.5
%
Temperature drift (Vout)
See tolerance envelope graph
0.03
%/°C
Ripple
20Hz to 300kHzBandwidth
40
60
mVp-p
Noise
DC-20MHz Bandwidth
80
150
mVp-p
Switching frequency
100% load, nominal input voltage
200
400
KHz
Switching frequency
10% load, nominal input voltage
700
1000
KHz
CTDD2210SF-S1.5K-1 Series
Wide Input Isolated & Regulated
1W Output, Single Output
Not shown at actual size.
FEATURES
Efficiency: To 83%
Temperature Range: -40°C to +85°C
Package: UL94-V0
Isolation: 1.5KVDC
Miscellaneous: Wide (2:1) Input Range. No heat sink required.
Industry standard pinout. Single Output. Remote ON/OFF.
Samples available.
CHARACTERISTICS
Output Short Circuit Protection: Continuous
Temperature Rise at Full Load: 30°C (Typ.)
Cooling: Free air convection
No Load, Power Consumption: 150mW (typical)
Operating Temperature Range: -40°C to +85°C
Storage Temperature Range: -55°C to +125°C
Lead Temperature: 300°C (1.5mm from case for 10 seconds)
Storage Humidity Range: < 95%
Case Material: Plastic (UL94-V0)
MTBF: >1,000,000 hours
Miscellaneous: RoHS Compliant.
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output unless
otherwise specified.
01.05.07
TYPICAL CHARACTERISTICS
120
80
60
40
20
0
-40
0
40
71 85
120
(°C)
100
Safe Operating Area
Operating Temperature
RoHS
Compliant
Temperature Derating Graph


Similar Part No. - CTDD2210SF-S1R5K-1

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD2210SF-S1.5K-1 CT-CTDD2210SF-S1.5K-1 Datasheet
275Kb / 2P
   DC/DC Converters
More results

Similar Description - CTDD2210SF-S1R5K-1

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD2727DF-S1R5K-5M CT-CTDD2727DF-S1R5K-5M Datasheet
271Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-3 CT-CTDD3220DF-S1R5K-3 Datasheet
278Kb / 2P
   Wide Input Isolated
CTDD3220DF-D1R5K-6M CT-CTDD3220DF-D1R5K-6M Datasheet
282Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-6M CT-CTDD3220DF-S1R5K-6M Datasheet
284Kb / 2P
   Wide Input Isolated
CTDD5025DF-30M CT-CTDD5025DF-30M Datasheet
443Kb / 2P
   Wide Input Isolated
CTDD2210SF-D1R5K-2 CT-CTDD2210SF-D1R5K-2 Datasheet
269Kb / 2P
   Wide Input Isolated
CTDD3220DF-D1R5K-3M CT-CTDD3220DF-D1R5K-3M Datasheet
276Kb / 2P
   Wide Input Isolated
CTDD3220DF-D1R5K-3 CT-CTDD3220DF-D1R5K-3 Datasheet
276Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-3M CT-CTDD3220DF-S1R5K-3M Datasheet
277Kb / 2P
   Wide Input Isolated
logo
Microdc power Technolog...
WRB-YMD-20W MICRODC-WRB-YMD-20W Datasheet
514Kb / 2P
   WIDE INPUT,ISOLATED & REGULATEDSingleOutputDC/DCConverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com