Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-5710ALZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5710ALZ
Description  Transceivers with Optional DMI for Gigabit Ethernet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5710ALZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-5710ALZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710ALZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710ALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710ALZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-5710ALZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge
(ESD)to the Electrical Pins
JEDEC/EIAJESD22-A114-A
Class 2 (> +2000 Volts)
Electrostatic Discharge
(ESD) to the Duplex LC
Reseptacle
Variation of IEC 6100-4-2
Typically withstands at least 25 kV without
damage when the duplex LC connector receptacle
is contacted by a Human Body Model probe
Electromagnetic
Interference(EMI)
FCC Class B CENELEC EN55022
Class B (CISPR 22A) VCCI Class 1
Applications with high SFP port counts are
expected to be compliant; however, margins are
dependent on customer board and chassis design.
Immunity
Variation of IEC 61000-4-3
Typically shows a negligible effect from a 10 V/m
field swept from 80 to 1000 MHz applied to the
transceiver without a chassis enclosure.
Eye Safety
US FDA CDRH AEL Class 1
EN(IEC)60825-1,2, EN60950 Class 1
CDRH certification #9720151-57
TUV file RR72102090.01
Component Recognition
Underwriters Laboratories and Canadian
Standards Association Joint Component
Recognition for Information Technology
Equipment Including Electrical Business
Equipment
UL File #E173874
ROHS Compliance
Less than 1000ppm of: cadmium, lead, mercury,
hexavalent chromium, polybrominated biphenyls,
and polybrominated biphenyl ethers.
Caution
There are no user serviceable parts nor any maintenance
required for the AFBR-571xZ. All adjustments are made at
the factory before shipment to our customers. Tampering
with, modifying, misusing or improperly handling the
AFBR-571xZ will void the product warranty. It may also
result in improper operation of the AFBR-571xZ circuitry,
and possible overstress of the laser source. Device deg-
radation or product failure may result. Connection of the
AFBR-571xZ to a non-Gigabit Ethernet compliant or non-
Fiber Channel compliant optical source, operating above
the recommended absolute maximum conditions or
operating the AFBR-571xZ in a manner inconsistent with
its design and function may result in hazardous radiation
exposure and may be considered an act of modifying or
manufacturing a laser product. The person(s) performing
such an act is required by law to re-certify and re-identify
the laser product under the provisions of U.S. 21 CFR
(Subchapter J).


Similar Part No. - AFBR-5710ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5710ALZ AVAGO-AFBR-5710ALZ Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
ATGBICS by Approved Tec...
AFBR-5710ALZ-C ATGBICS-AFBR-5710ALZ-C Datasheet
293Kb / 8P
   AFBR-5710ALZ Avago Broadcom Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m, Ind Temp)
More results

Similar Description - AFBR-5710ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5710Z AVAGO-AFCT-5710Z_15 Datasheet
249Kb / 19P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5701Z AVAGO-AFCT-5701Z_15 Datasheet
254Kb / 20P
   Optical Transceivers with Optional DMI for Gigabit Ethernet Fibre Channel
logo
Broadcom Corporation.
AFCT-5701XXZ BOARDCOM-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers with Optional DMI for Gigabit Ethernet and Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
logo
SIXNET Technology Park
GXFIBER-SFP SIXNET-GXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com