Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-701SDZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701SDZ
Description  SFP Transceiver for SMF 10km links
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-701SDZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-701SDZ_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-701SDZ_15 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Table 7. Two-Wire Interface Electrical Characteristics
Parameter
Symbol
Min.
Max.
Unit
Conditions
Host Vcc Range
VccHTWI
3.135
3.465
V
SCL and SDA
VOL
0.0
0.40
V
Rp[1] pulled to VccHTWI,
VOH
VccHTWI - 0.5
VccHTWI + 0.3
V
measured at host side of
connector
SCL and SDA
VIL
-0.3
VccT*0.3
V
VIH
VccT*0.7
VccT + 0.5
V
Input Current on the
Il
-10
10
μA
SCL and SDA Contacts
Capacitance on SCL
Ci[2]
14
pF
and SDA Contacts
Total bus capacitance
Cb[3]
100
pF
At 400 kHz, 3.0 kΩ Rp, max
for SCL and for SDA
At 100 kHz, 8.0 kΩ Rp, max
290
pF
At 400 kHz, 1.1 kΩRp, max
At 100 kHz, 2.75 kΩ Rp, max
Notes:
1. Rp is the pull up resistor. Active bus termination may be used by the host in place of a pullup resistor. Pull ups can be connected to various
power supplies, however the host board design shall ensure that no module contact has voltage exceeding VccT or VccR by 0.5 V nor requires
the module to sink more than 3.0 mA current.
2. Ci is the capacitance looking into the module SCL and SDA contacts
3. Cb is the total bus capacitance on the SCL or SDA bus.
Figure 4a. Receiver Electrical Optical Eye Mask Definition
Figure 4b. Transmitter Optical Eye Mask Definition
150
0
-150
-425
0
0.35
1.0
0.65
NORMALIZED TIME (UNIT INTERVAL)
425
1.0
0.75
0.73
0.5
0.28
0.25
0
-0.40
0
0.25 0.40 0.45
1
0.55 0.60 0.75
NORMALIZED TIME (UNIT INTERVAL)
1.40


Similar Part No. - AFCT-701SDZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701SDZ AVAGO-AFCT-701SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
242Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
More results

Similar Description - AFCT-701SDZ_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701ASDZ AVAGO-AFCT-701ASDZ_15 Datasheet
242Kb / 18P
   SFP Transceiver for SMF 10km links
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
logo
ATGBICS by Approved Tec...
RX-10KM-SFP-C ATGBICS-RX-10KM-SFP-C Datasheet
322Kb / 9P
   RX-10KM-SFP Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701ASDZ AVAGO-AFCT-701ASDZ Datasheet
242Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
logo
Broadcom Corporation.
AFCT-701ASDZ BOARDCOM-AFCT-701ASDZ Datasheet
242Kb / 18P
   10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
logo
Level One
SFP-9231 LVL1-SFP-9231 Datasheet
314Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1550/R1310nm
SFP-9221 LVL1-SFP-9221 Datasheet
308Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1310/R1550nm
SFP-4210 LVL1-SFP-4210 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
logo
ATGBICS by Approved Tec...
SFP-1000LX-C ATGBICS-SFP-1000LX-C Datasheet
322Kb / 9P
   SFP-1000LX NetScout Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-6DH-C ATGBICS-SFP-6DH-C Datasheet
322Kb / 9P
   SFP-6DH Rad Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com