Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5765ALZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5765ALZ
Description  Families of Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5765ALZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFCT-5765ALZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AFCT-5760Z and AFCT-5765Z
Families of Small Form Factor Pluggable (SFP) Optical Transceivers
for Single-Mode OC3/STM-1 with Optional DMI
Part of the Avago Technologies METRAK Family
Data Sheet
Description
The AFCT-576xZ family of SFP optical transceivers for OC3
offers the customer a range of design options, including
optional DMI (further described later), extended or indus-
trial temperature ranges, and standard push-button or or
bail delatch. The AFCT-5765Z family targets applications
requiring DMI features, and the AFCT-5760Z family is
streamlined for those applications where DMI features
are not needed. Throughout this document, AFCT-576xZ
will refer collectively to the entire product family encom-
passing this range of product features.
Part Number Options
The AFCT-576xZ family consists of the following prod-
ucts:
With DMI
Part Number
Temperature
Design
Distance
AFCT-5765LZ
Extended*
Standard
SR (2km)
AFCT-5765PZ
Extended*
Bail
SR
AFCT-5765ALZ
Industrial*
Standard
SR
AFCT-5765APZ
Industrial*
Bail
SR
AFCT-5765TLZ
Extended*
Standard
IR (15km)
AFCT-5765TPZ
Extended*
Bail
IR
AFCT-5765ATLZ Industrial*
Standard
IR
AFCT-5765ATPZ Industrial*
Bail
IR
Without DMI
Part Number
Temperature
Design
Distance
AFCT-5760LZ
Extended*
Standard
SR (2km)
AFCT-5760PZ
Extended*
Bail
SR
AFCT-5760ALZ
Industrial*
Standard
SR
AFCT-5760APZ
Industrial*
Bail
SR
AFCT-5760TLZ
Extended*
Standard
IR (15km)
AFCT-5760TPZ
Extended*
Bail
IR
AFCT-5760ATLZ Industrial*
Standard
IR
AFCT-5760ATPZ Industrial*
Bail
IR
* Extended Temperature Range is -10 to 85 degrees C
Industrial Temperature Range is -40 to 85 degrees C
Features
ROHS compliant
Optional Digital Diagnostic Monitoring available
- AFCT-5760Z family: without DMI
- AFCT-5765Z family: with DMI
Per SFF-8472, diagnostic features on AFCT-5765Z
family enable Diagnostic Monitoring Interface for
optical transceivers with real-time monitoring of:
- Transmitted optical power
- Received optical power
- Laser bias current
- Temperature
- Supply voltage
Compliant with SFF-8074i SFP transceiver specifica-
tion
Compliant with ITU-T G957 STM-1 I-1 (2 km), STM-1
S-1.1 (15 km)
Compliant with Telcordia GR253 SR (2 km),
IR-1 (15 km)
Class 1 CDRH/IEC 825 eye safety compliant
Operating case temperature range
–10 °C to +85 °C (Extended)
–40 °C to +85 °C (Industrial)
Multitrate operation from 125 Mb/s to 155 Mb/s
LC duplex fiber connector
Manufactured in an ISO 9001 compliant facility
Applications
ATM switches and routers
SONET/SDH switch infrastructure
Broadband aggregation applications
Metro edge switching
Metro and access multi-service platforms
Suitable for Fast Ethernet applications
Related Products
AFCT-5755Z family of OC12 SFP transceivers with
DMI
AFCT-5745L/P family of OC48 SFP transceivers with
DMI


Similar Part No. - AFCT-5765ALZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5765ALZ BOARDCOM-AFCT-5765ALZ Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
More results

Similar Description - AFCT-5765ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com