Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5765ALZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5765ALZ
Description  Families of Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5765ALZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5765ALZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5765ALZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Electrostatic Discharge (ESD)
There are two conditions in which immunity to ESD dam-
age is important:
The first condition is static discharge to the transceiver
during handling such as when the transceiver is inserted
into the transceiver port. To protect the transceiver, it is
important to use normal ESD handling precautions includ-
ing the use of grounded wrist straps, work benches, and
floor mats in ESD controlled areas. The ESD sensitivity of
the AFCT-576xZ is compatible with typical industry pro-
duction environments.
The second condition is static discharge to the exterior
of the host equipment chassis after installation. To the
extent that the duplex LC optical interface is exposed
to the outside of the host equipment chassis, it may be
subject to system-level ESD requirements. The ESD per-
formance of the AFCT-576xZ exceeds typical industry
standards. Table 1 documents ESD immunity to both of
these conditions.
Electromagnetic Interference (EMI)
Most equipment designs using the AFCT-576xZ SFPs are
subject to the requirements of the FCC in the United
States, CENELEC EN55022 (CISPR 22) in Europe and VCCI
in Japan. The metal housing and shielded design of the
transceiver minimize EMI and provide excellent EMI per-
formance.
EMI Immunity
The AFCT-576xZ transceivers have a shielded design to
provide excellent immunity to radio frequency electro-
magnetic fields which may be present in some operating
environments.
Eye Safety
The AFCT-576xZ transceivers provide Class 1 eye safety
by design. Avago Technologies has tested the transceiver
design for regulatory compliance, under normal operat-
ing conditions and under a single fault condition. See
Table 1.
Flammability
The AFCT-576xZ family of SFPs is compliant to UL 94V-0.
Customer Manufacturing Processes
This module is pluggable and is not designed for aqueous
wash, IR reflow, or wave soldering processes.
Caution
The AFCT-576xZ contains no user-serviceable parts. Tam-
pering with or modifying the performance of the AFCT-
576xZ will result in voided product warranty. It may also
result in improper operation of the transceiver circuitry,
and possible over-stress of the laser source. Device deg-
radation or product failure may result. Connection of the
AFCT-576xZ to a non-approved optical source, operating
above the recommended absolute maximum conditions
may be considered an act of modifying or manufacturing
a laser product. The person(s) performing such an act
is required by law to re-certify and re-identify the laser
product under the provisions of U.S. 21 CF.
Handling Precautions
The AFCT-576xZ can be damaged by current surges or
overvoltage. Power supply transient precautions should
be taken, and normal handling precautions for electro-
static sensitive devices should be taken.
Optical Power Budget
The worst-case Optical Power Budget (OPB) in dB for a
fiber-optic link is determined by the difference between
the minimum transmitter output optical power (dBm
avg) and the lowest receiver sensitivity (dBm avg). This
OPB provides the necessary optical signal range to es-
tablish a working fiber-optic link. The OPB is allocated for
the fiber-optic cable length and the corresponding link
penalties. For proper link performance, all penalties that
affect the link performance must be accounted for within
the link optical power budget.
Process Plug
This transceiver is supplied with a process plug for
protection of the optical port within the LC connector
receptacle. This process plug prevents contamination
during handling, shipping and storage. It is made of a
high-temperature, molded sealing material that can
withstand +85 °C.
LC SFP Cleaning Recommendations
In the event of contamination of the optical ports, the
recommended cleaning process is the use of forced ni-
trogen. If contamination is thought to have remained, the
optical ports can be cleaned using a NTT international
Cletop stick type (diam. 1.25 mm) and HFE7100 cleaning
fluid.


Similar Part No. - AFCT-5765ALZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5765ALZ BOARDCOM-AFCT-5765ALZ Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
More results

Similar Description - AFCT-5765ALZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com