Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5760APZ Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5760APZ
Description  Families of Small Form Factor Pluggable (SFP) Optical Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5760APZ Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5760APZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760APZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760APZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760APZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760APZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760APZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760APZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760APZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5760APZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Table 2. Pin description
Pin
Name
Function/Description
MSA Notes
1
VeeT
Transmitter Ground
2
TX Fault
Transmitter Fault Indication
Note 1
3
TX Disable
Transmitter Disable - Module disables on high or open
Note 2
4
MOD-DEF2
Module Definition 2 - Two wire serial ID interface
Note 3
5
MOD-DEF1
Module Definition 1 - Two wire serial ID interface
Note 3
6
MOD-DEF0
Module Definition 0 - Grounded in module
Note 3
7
Rate Select
Not Connected
8
LOS
Loss of Signal
Note 4
9
VeeR
Receiver Ground
10
VeeR
Receiver Ground
11
VeeR
Receiver Ground
12
RD-
Inverse Received Data Out
Note 5
13
RD+
Received Data Out
Note 5
14
VeeR
Receiver Ground
15
VccR
Receiver Power - 3.3 V ±5%
Note 6
16
VccT
Transmitter Power - 3.3 V ±5%
Note 6
17
VeeT
Transmitter Ground
18
TD+
Transmitter Data In
Note 7
19
TD-
Inverse Transmitter Data In
Note 7
20
VeeT
Transmitter Ground
Notes:
1. TX Fault is an open collector/drain output, which should be pulled up with a 4.7K – 10K
 resistor on the host board. Pull up voltage between
2.0 V and VccT, R+0.3 V. When high, output indicates a laser fault of some kind. Low indicates normal operation. In the low state, the output will
be pulled to < 0.8 V. By default, TX_FAULT is set to trigger on hardware faults only.
2. TX Disable input is used to shut down the laser output per the state table below with an external 4.7 - 10 K
 pull-up resistor.
Low (0 - 0.8 V): Transmitter on
Between (0.8 V and 2.0 V): Undefined
High (2.0 - 3.465 V): Transmitter Disabled
Open: Transmitter Disabled
3. MOD-DEF 0,1,2. These are the module definition pins. They should be pulled up with a 4.7 - 10 K
 resistor on the host board to a supply less
than VccT +0.3 V or VccR+0.3 V.
MOD-DEF 0 is grounded by the module to indicate that the module is present
MOD-DEF 1 is clock line of two wire serial interface for optional serial ID
MOD-DEF 2 is data line of two wire serial interface for optional serial ID
4. LOS (Loss of Signal) is an open collector/drain output which should be pulled up externally with a 4.7K - 10 K
 resistor on the host board to a
supply < VccT,R+0.3 V. When high, this output indicates the received optical power is below the worst case receiver sensitivity (as defined by
the standard in use). Low indicates normal operation. In the low state, the output will be pulled to < 0.8 V.
5. RD-/+: These are the differential receiver outputs. They are ac coupled 100
 differential lines which should be terminated with 100 differential
at the user SERDES. The ac coupling is done inside the module and is thus not required on the host board. The voltage swing on these lines will
be between 320 and 2000 mV differential (160 - 1000 mV single ended) when properly terminated.
6. VccR and VccT are the receiver and transmitter power supplies. They are defined as 3.135 - 3.465 V at the SFP connector pin. The maximum sup-
ply current is 250 mA and the associated inrush current will be no more than 30 mA above steady state after 500 nanoseconds.
7. TD-/+: These are the differential transmitter inputs. They are ac coupled differential lines with 100
 differential termination inside the module.
The ac coupling is done inside the module and is thus not required on the host board. The inputs will accept differential swings of 500 - 2400
mV (250 - 1200 mV single ended), though it is recommended that values between 500 and 1200 mV differential (250 - 600 mV single ended) be
used for best EMI performance.


Similar Part No. - AFCT-5760APZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-5760APZ BOARDCOM-AFCT-5760APZ Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
More results

Similar Description - AFCT-5760APZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Broadcom Corporation.
AFCT-5760Z BOARDCOM-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5715PZ AVAGO-AFBR-5715PZ Datasheet
422Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-5710Z AVAGO-AFCT-5710Z_13 Datasheet
248Kb / 19P
   Families of Single-Mode Small Form Factor Pluggable Optical Transceivers with Optional DMI for Gigabit Ethernet
AFBR-5710PZ AVAGO-AFBR-5710PZ Datasheet
339Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFBR-5715PZ-JU1 AVAGO-AFBR-5715PZ-JU1 Datasheet
333Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers with Optional DMI for Gigabit Ethernet (1.25 GBd)
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com