Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-5962ATLZ Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-5962ATLZ
Description  Single Mode Laser Small Form Factor Transceivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFCT-5962ATLZ Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFCT-5962ATLZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962ATLZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962ATLZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962ATLZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962ATLZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962ATLZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962ATLZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962ATLZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED AFCT-5962ATLZ Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Regulatory Compliance
The Regulatory Compliance for transceiver performance
is shown in Table 1. The overall equipment design will
determine the certification level. The transceiver perfor-
mance is offered as a figure of merit to assist the designer
in considering their use in equipment designs.
Electrostatic Discharge (ESD)
There are two design cases in which immunity to ESD
damage is important.
The first case is during handling of the transceiver prior
to mounting it on the circuit board. It is important to use
normal ESD handling precautions for ESD sensitive devices.
These precautions include using grounded wrist straps,
work benches, and floor mats in ESD controlled areas.
The second case to consider is static discharges to the
exterior of the equipment chassis containing the transceiv-
er parts. To the extent that the LC connector receptacle is
exposed to the outside of the equipment chassis it may be
subject to whatever system-level ESD test criteria that the
equipment is intended to meet.
Electromagnetic Interference (EMI)
Most equipment designs utilizing these high-speed trans-
ceivers from Avago Technologies will be required to meet
FCC regulations in the United States, CENELEC EN55022
(CISPR 22) in Europe and VCCI in Japan. Refer to EMI
section (page 9) for more details.
Immunity
Transceivers will be subject to radio-frequency electro-
magnetic fields following the IEC 61000-4-3 test method.
Table 1. Regulatory Compliance – Targeted Specification
Feature
Test Method
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883
Method 3015
Class 1 (> 500 V)
Electrostatic Discharge (ESD)
to the LC Receptacle
Variation of IEC 61000-4-2
Tested to 8 kV contact discharge.
Electromagnetic
Interference (EMI)
FCC Class B
Margins are dependent on customer board and chassis
designs.
Immunity
Variation of IEC 61000-4-3
Typically show no measurable effect from a 10 V/m field
swept from 27 to 1000 MHz applied to the transceiver
without a chassis enclosure.
Laser Eye Safety and
Equipment Type Testing
FDA CDRH 21-CFR 1040
Class I
Accession Number: 9521220-124
IEC 60825-1
Amendment 2 2001-01
License Number: 933/21203530/03
Component Recognition
Underwriters Laboratories and
Canadian Standards Association
Joint Component Recognition
for Information Technology
Equipment Including Electrical
Business Equipment.
UL File Number: E173874
Eye Safety
These laser-based transceivers are classified as AEL Class I
(U.S. 21 CFR(J) and AEL Class 1 per EN 60825-1 (+A11).They
are eye safe when used within the data sheet limits per
CDRH. They are also eye safe under normal operating con-
ditions and under all reasonably foreseeable single fault
conditions per EN60825-1. Avago Technologies has tested
the transceiver design for compliance with the require-
ments listed below under normal operating conditions
and under single fault conditions where applicable. TUV
Rheinland has granted certification to these transceivers
for laser eye safety and use in EN 60825-2 applications.
Their performance enables the transceivers to be used
without concern for eye safety up to 3.5 V transmitter VCC.
CAUTION:
There are no user serviceable parts nor any maintenance
required for the AFCT-5962TLZ/TGZ/ATLZ/ATGZ/NLZ/
NGZ. All adjustments are made at the factory before
shipment to our customers. Tampering with or modifying
the performance of the parts will result in voided product
warranty. It may also result in improper operation of
the circuitry, and possible overstress of the laser source.
Device degradation or product failure may result.
Connection of the devices to a non-approved optical
source, operating above the recommended absolute
maximum conditions or operating the AFCT-5962TLZ/
TGZ/ATLZ/ATGZ/NLZ/NGZ in a manner inconsistent with
its design and function may result in hazardous radiation
exposure and may be considered an act of modifying or
manufacturing a laser product. The person(s) performing
such an act is required by law to recertify and reidentify
the laser product under the provisions of U.S. 21 CFR (Sub-
chapter J).


Similar Part No. - AFCT-5962ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5961ATLZ AVAGO-AFCT-5961ATLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961NLZ AVAGO-AFCT-5961NLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
More results

Similar Description - AFCT-5962ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5961TLZ AVAGO-AFCT-5961TLZ Datasheet
458Kb / 16P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5963ATLZ AVAGO-AFCT-5963ATLZ Datasheet
396Kb / 15P
   Single Mode Laser Small Form Factor Transceivers
AFCT-5971LZ AVAGO-AFCT-5971LZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5971LZALZ AVAGO-AFCT-5971LZALZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Agilent(Hewlett-Packard...
HFCT-5760TL HP-HFCT-5760TL Datasheet
312Kb / 16P
   Single Mode OC-3/STM-1 Small Form Factor Pluggable Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961LZ AVAGO-HFBR-5961LZ Datasheet
215Kb / 14P
   Multimode Small Form Factor (SFF) Transceivers
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com