Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130094-0237 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130094-0237
Description  Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130094-0237 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130094-0237 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130094-0237
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
25.40-31.50mm (1.000-1.240"), Approximate Break Strength 762.04kg (1,680 lbs),
Stainless Steel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Single
NEMA Rating
NEMA 4
O-Ring
No
Overview
Support Grips
Product Name
Standard Duty
Type
Support Grip
UPC
78678809772
Woodhead
Yes
Physical
Approximate Break Strength
762.04kg (1,680 lbs)
Bale Length
0.229m (9.00")
Body Style
Straight
Cable Diameter
25.40-31.50mm (1.000-1.240")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Stainless Steel
Mesh Length
0.38m (15.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35033SS
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130094-0237

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0230 MOLEX11-130094-0230 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0231 MOLEX11-130094-0231 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0232 MOLEX11-130094-0232 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0233 MOLEX11-130094-0233 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0234 MOLEX11-130094-0234 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
More results

Similar Description - 130094-0237

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0230 MOLEX11-130094-0230 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0243 MOLEX11-130094-0243 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
1300940244 MOLEX11-1300940244 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0234 MOLEX11-130094-0234 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0239 MOLEX11-130094-0239 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0240 MOLEX11-130094-0240 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
1300940236 MOLEX11-1300940236 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
1300940237 MOLEX11-1300940237 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0233 MOLEX11-130094-0233 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0242 MOLEX11-130094-0242 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
1300940249 MOLEX11-1300940249 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Single Eye, Closed Mesh, Single Weave, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com