Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX305CJE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX305CJE
Description  Precision, Dual, High-Speed Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX305CJE Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX305CJE Datasheet HTML 1Page - Maxim Integrated Products MAX305CJE Datasheet HTML 2Page - Maxim Integrated Products MAX305CJE Datasheet HTML 3Page - Maxim Integrated Products MAX305CJE Datasheet HTML 4Page - Maxim Integrated Products MAX305CJE Datasheet HTML 5Page - Maxim Integrated Products MAX305CJE Datasheet HTML 6Page - Maxim Integrated Products MAX305CJE Datasheet HTML 7Page - Maxim Integrated Products MAX305CJE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
______________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Precision, Dual, High-Speed Analog Switches
PART
TEMP.RANGE
PIN-PACKAGE
MAX303CPE
0°C to +70°C
16 Plastic DIP
MAX303CSE
0°C to +70°C
16 Narrow SO
MAX303CJE
0°C to +70°C
16 CERDIP
MAX303C/D
0°C to +70°C
Dice*
MAX303EPE
-40°C to +85°C
16 Plastic DIP
MAX303ESE
-40°C to +85°C
16 Narrow SO
MAX303EJE
-40°C to +85°C
16 CERDIP
MAX303MJE
-55°C to +125°C
16 CERDIP
MAX303MLP
-55°C to +125°C
20 LCC**
MAX305CPE
0°C to +70°C
16 Plastic DIP
MAX305CSE
0°C to +70°C
16 Narrow SO
MAX305CJE
0°C to +70°C
16 CERDIP
MAX305C/D
0°C to +70°C
Dice*
MAX305EPE
-40°C to +85°C
16 Plastic DIP
MAX305ESE
-40°C to +85°C
16 Narrow SO
MAX305EJE
-40°C to +85°C
16 CERDIP
MAX305MJE
-55°C to +125°C
16 CERDIP
MAX305MLP
-55°C to +125°C
20 LCC**
__Ordering Information (continued)
* Dice are tested at TA = +25°C only.
** Contact factory for availability.
MAX301
MAX303
14
15
16
17
18
4
5
6
7
8
COM3
NC3
N.C.
NC4
COM4
V-
GND
N.C.
VL
V+
14
15
16
17
18
4
5
6
7
8
N.C.
N.C.
N.C.
N.C.
N.C.
V-
GND
N.C.
VL
V+
TOP VIEW
MAX305
14
15
16
17
18
4
5
6
7
8
COM3
NO3
N.C.
NO4
COM4
V-
GND
N.C.
VL
V+
_____Pin Configuration (continued)


Similar Part No. - MAX305CJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050-MAX3057 MAXIM-MAX3050-MAX3057 Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050ASA MAXIM-MAX3050ASA Datasheet
360Kb / 12P
   짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3050ASA MAXIM-MAX3050ASA Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
More results

Similar Description - MAX305CJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX301 MAXIM-MAX301_07 Datasheet
412Kb / 8P
   Precision, Dual, High-Speed Analog Switches
Rev 1; 2/07
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
DG-403-DJ MAXIM-DG-403-DJ Datasheet
95Kb / 8P
   Improved, Dual, High-Speed Analog Switches
Rev 2; 6/99
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Maxim Integrated Produc...
DG40135 MAXIM-DG40135 Datasheet
33Kb / 5P
   IMPROVED, DUAL, HIGH-SPEED CHANNEL ANALOG SWITCHES
19-0079 Rev. C
logo
Advanced Linear Devices
ALD4211 ALD-ALD4211_05 Datasheet
48Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
ALD4213 ALD-ALD4213 Datasheet
60Kb / 8P
   CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Toshiba Semiconductor
SSM6N35AFE TOSHIBA-SSM6N35AFE Datasheet
230Kb / 9P
   High-Speed Switching Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com