Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3140EEI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3140EEI
Description  SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3140EEI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3140EEI Datasheet HTML 2Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 3Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 4Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 5Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 6Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 7Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 8Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 9Page - Maxim Integrated Products MAX3140EEI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
SPI/MICROWIRE-Compatible UART with Integrated
True Fail-Safe RS-485/RS-422 Transceivers
6
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS—SRL = VCC
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
250
720
1000
Receiver Enable from Shutdown
to Output Low
tRZL(SHDN)
3500
ns
Figures 2 and 8, CL = 100pF, S1 closed
tDPHL
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Driver Disable Time from Low
tDLZ
100
ns
Driver Enable to Output Low
tDZL
2500
ns
Driver Enable to Output High
tDZH
2500
ns
Maximum Data Rate
fMAX
500
kbps
Driver Disable Time from High
tDHZ
100
ns
Receiver Input to Output
tRPLH,
tRPHL
127
200
ns
|tRPLH - tRPHL| Differential
Receiver Skew
tRSKD
3±30
ns
Receiver Enable to Output Low
tRZL
20
50
ns
Driver Output Skew
|tDPLH - tDPHL|
Driver Input to Output
tDPLH
250
720
1000
ns
tDSKEW
-3
±100
ns
Driver Rise or Fall Time
tDR, tDF
200
530
750
ns
Receiver Enable to Output High
tRZH
20
50
ns
Receiver Disable Time from Low
tRLZ
20
50
ns
Receiver Disable Time from
High
tRHZ
20
50
ns
Time to Shutdown
tSHDN
50
200
600
ns
Driver Enable from Shutdown to
Output High
tDZH(SHDN)
4500
ns
Driver Enable from Shutdown to
Output Low
tDZL(SHDN)
4500
ns
Receiver Enable from Shutdown
to Output High
tRZH(SHDN)
3500
ns
CONDITIONS
Figures 2 and 8, CL = 100pF, S2 closed
Figures 4 and 6, CL = 15pF, S1 closed
Figures 2 and 8, CL = 100pF, S1 closed
Figures 4 and 6, CL = 100pF, S1 closed
Figures 4 and 6, CL = 100pF, S2 closed
Figures 4 and 6, CL = 15pF, S2 closed
Figures 7 and 9,
|VID| ≥ 2.0V,
rise and fall time of VID ≤ 15ns
Figures 2 and 8, CL = 100pF, S2 closed
(Note 5)
Figures 7 and 9,
|VID| ≥ 2.0V,
rise and fall time of VID ≤ 15ns
Figures 2 and 8, CL = 100pF, S1 closed
Figures 4 and 6, CL = 15pF, S2 closed
Figures 4 and 6, CL = 15pF, S1 closed
Figures 2 and 8, CL = 100pF, S2 closed
Figures 3 and 5, RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 3 and 5, RDIFF = 54Ω,
CL1 = CL2 = 100pF
Figures 3 and 5, RDIFF = 54Ω,
CL1 = CL2 = 100pF


Similar Part No. - MAX3140EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3140EEI++ MAXIM-MAX3140EEI+ Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
More results

Similar Description - MAX3140EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Unisonic Technologies
UTRS485 UTC-UTRS485 Datasheet
236Kb / 8P
   FAIL-SAFE, 2.5MBPS RS-485 TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com