Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3043EWE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3043EWE
Description  짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3043EWE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3043EWE Datasheet HTML 6Page - Maxim Integrated Products MAX3043EWE Datasheet HTML 7Page - Maxim Integrated Products MAX3043EWE Datasheet HTML 8Page - Maxim Integrated Products MAX3043EWE Datasheet HTML 9Page - Maxim Integrated Products MAX3043EWE Datasheet HTML 10Page - Maxim Integrated Products MAX3043EWE Datasheet HTML 11Page - Maxim Integrated Products MAX3043EWE Datasheet HTML 12Page - Maxim Integrated Products MAX3043EWE Datasheet HTML 13Page - Maxim Integrated Products MAX3043EWE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
required input current. At this time the SR latch resets
and Q1 turns off. When Q1 turns off, EN reverts to a
standard, high-impedance CMOS input. Whenever VCC
drops below 1V, the hot-swap input is reset.
The EN12 and EN34 input structures are identical to the
EN input. For the EN input, there is a complimentary cir-
cuit employing two PMOS devices pulling the EN input
to VCC.
Hot-Swap Line Transient
The circuit of Figure 10 shows a typical offset termina-
tion used to guarantee a greater than 200mV offset
when a line is not driven. The 50pF represents the mini-
mum parasitic capacitance which would exist in a typi-
cal application. In most cases, more capacitance exists
in the system and will reduce the magnitude of the
glitch. During a “hot-swap” event when the driver is
connected to the line and is powered up, the driver
must not cause the differential signal to drop below
200mV. Figures 11 and 12 show the results of the
MAX3040–MAX3045 during power-up for two different
VCC ramp rates (0.1V/µs and 1V/µs). The photos show
the VCC ramp, the single-ended signal on each side of
the 100
Ω termination, the differential signal across the
termination, and shows the hot-swap line transient
stays above the 200mV RS-485 specification.
Operation of Enable Pins
The MAX3040–MAX3045 family has two enable-func-
tional versions:
The MAX3040/MAX3041/MAX3042B have two transmit-
ter enable inputs EN12 and EN34. EN12 controls the
transmitters 1 and 2, and EN34 controls transmitters 3
and 4. EN12 and EN34 are active-high and the part will
enter the low-power shutdown mode when both are
pulled low. The transmitter outputs are high impedance
when disabled (Table 2).
The MAX3043/MAX3044/MAX3045B have two transmit-
ter enable inputs EN and EN, which are active-high and
active-low, respectively. When EN is logic high or EN is
logic low all transmitters are active. When EN is pulled
low and EN is driven high, all transmitters are disabled
and the part enters the low-power shutdown mode. The
transmitter outputs are high impedance when disabled
(Table 3).
Applications Information
Typical Applications
The MAX3040–MAX3045 offer optimum performance
when used with the MAX3093E/MAX3095 5V quad
receivers or MAX3094E/MAX3096 3V quad differential
line receivers. Figure 13 shows a typical RS-485 con-
nection for transmitting and receiving data and Figure
14 shows a typical multi-point connection.
±10kV ESD-Protected, Quad 5V RS-485/RS-422
Transmitters
10
______________________________________________________________________________________
VCC
TIMER
TIMER
EN
EN
(HOT SWAP)
10
µs
85
µA
Q1
Q2
5.6k
700
µA
Figure 9. Simplified Structure of the Driver Enable Pin (EN)


Similar Part No. - MAX3043EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000 MAXIM-MAX3000 Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 86P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection)
Rev 1, 9/17
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV++ MAXIM-MAX30001CWV+ Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30001CWV+T MAXIM-MAX30001CWV+T Datasheet
2Mb / 87P
   Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
More results

Similar Description - MAX3043EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
   15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3030ECUE-T MAXIM-MAX3030ECUE-T Datasheet
326Kb / 14P
   15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com