Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYS-4U4020-4A01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SYS-4U4020-4A01
Description  4U Compact Rackmount System with 4th Gen Intel짰 Core??i Processor, DVI/VGA, DDR3, SATA III, 7 PCI &PCIe Expansions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-4U4020-4A01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SYS-4U4020-4A01_15 Datasheet HTML 1Page - Advantech Co., Ltd. SYS-4U4020-4A01_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
Front View
Inside View
Open Front Door
Rear View
USB 3.0 x 2
Switch Buttons
Slim ODD
LED indicators
External 3.5"
drive bay x 2
(support
IDT-3120E)
Front-accessible
fan without
opening top
cover
Thumb screws
250W/300W/
400W SPS
98
[3.858]
92
[3.622]
92
[3.622]
348 [13.701]
360.9 [14.209]
101.6 [4.000]
177 [6.969]
BP version
MB version
SYS-4U4020-4A01
System Content
Item
Part Number
Chassis
ACP-4020MB-00XE
Motherboard
AIMB-784G2-00A1E
Power Supply
PS8-300ATX-ZBE (ATX, PFC)
Ordering Information
Please visit Advantech eStore for order entry.
http://buy.advantech.com/


Similar Part No. - SYS-4U4020-4A01_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-4U4020-4H01 ADVANTECH-SYS-4U4020-4H01_14 Datasheet
1Mb / 2P
   Compact Short-depth 4th Gen Intel짰 Core??i7/i5/i3 PICMIC1.3 System with 11 Expansion Slots,Front USB 3.0
SYS-4U4020-4S01 ADVANTECH-SYS-4U4020-4S01_14 Datasheet
1Mb / 2P
   4U Compact Short-depth Intel짰 Xeon짰 E3 Server with 2 x PCIex16 (x8 link), 1 PCIex4, 1 PCI Expansion Slots, Front USB 3.0
More results

Similar Description - SYS-4U4020-4A01_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-784 ADVANTECH-AIMB-784_V01 Datasheet
687Kb / 2P
   LGA1150 4th Generation Intel짰 Core??i7/i5/i3/Pentium짰 ATX with DVI/VGA, DDR3, SATA III
27-Jun-2018
AIMB-784 ADVANTECH-AIMB-784_15 Datasheet
914Kb / 2P
   LGA1150 4th Generation Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, DDR3, SATA III
SYS-4U4000-4A04 ADVANTECH-SYS-4U4000-4A04_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots
AIMB-782 ADVANTECH-AIMB-782_V01 Datasheet
660Kb / 2P
   LGA1155 3rd Generation Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, DDR3, SATA III
SYS-4U4340-4A01 ADVANTECH-SYS-4U4340-4A01_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U ATX System with 7 Expansion Slots, Front USB3.0
AIMB-781 ADVANTECH-AIMB-781 Datasheet
2Mb / 2P
   LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual Gigabit LAN, DDR3, SATA III
logo
Axiomtek Co., Ltd.
IPC140-501 AXIOMTEK-IPC140-501 Datasheet
236Kb / 1P
   4U Industrial System with LGA1151 Socket 7th/6th Gen Intel짰 Core??Processor
logo
DFI Inc
RM641-HD DFI-RM641-HD Datasheet
584Kb / 3P
   4th Gen Intel Core Processor Rackmount Box PC
logo
Advantech Co., Ltd.
SYS-4U630-4A01 ADVANTECH-SYS-4U630-4A01 Datasheet
480Kb / 2P
   Intel짰 Core??2 Duo 4U ATX System with PCIe x16, PCIe x1 & 5 PCI Slots
SYS-4U4000-4F03 ADVANTECH-SYS-4U4000-4F03_14 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 4U PICMG1.0 System with 13 Expansion Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com