Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3158CPI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3158CPI
Description  High CMRR RS-485 Transceiver with 짹60V Isolation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3158CPI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3158CPI Datasheet HTML 6Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 7Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 8Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 9Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 10Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 11Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 12Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 13Page - Maxim Integrated Products MAX3158CPI Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High CMRR RS-485 Transceiver
with ±60V Isolation
10
______________________________________________________________________________________
Detailed Description
The MAX3158 is a high CMRR RS-485/RS-422 data-
communications interface providing ±60V isolation in a
hybrid microcircuit. A single +5V supply on the logic
side powers both sides of the interface, with external
100V capacitors transferring power from the logic side
to the isolated side (see Block Diagram). The MAX3158
typically draws 25mA of supply current when unloaded
or when fully loaded with the driver disabled. Supply
current drops to 25µA when the device is placed in
shutdown mode (see Low-Power Shutdown Mode sec-
tion). The MAX3158 transceiver for RS-485/RS-422
communication contains one driver and one receiver.
This device features fail-safe circuitry, which guaran-
tees a logic-high receiver output when the receiver
inputs are open or shorted, or when they are connected
to a terminated transmission line with all drivers dis-
abled (see Fail-Safe section). The MAX3158 is selec-
table between half- and full-duplex communication by
connecting a selector pin to ISOVCC or ISOCOM,
respectively. Drivers are output short-circuit current lim-
ited. Thermal shutdown circuitry protects drivers
against excessive power dissipation. When activated,
the thermal shutdown circuitry places the driver outputs
into a high-impedance state. The device also features
independently programmable receiver and transmitter
output phase through separate pins. The MAX3158 is a
low-cost replacement for opto-isolated transceivers.
Fail-Safe
The MAX3158 guarantees a logic-high receiver output
when the receiver inputs are shorted or open, or when
they are connected to a terminated transmission line with
all drivers disabled. The receiver threshold is fixed
between -50mV and -200mV. If the differential receiver
input voltage (A - B) is greater than or equal to -50mV,
RO is logic high. If A - B is less than or equal to -200mV,
RO is logic low. In the case of a terminated bus with all
transmitters disabled, the receiver’s differential input volt-
age is pulled to 0V by the termination. With the receiver
thresholds of the MAX3158, this results in a logic high
with a 50mV minimum noise margin. Unlike competitor’s
fail-safe devices, the -50mV to -200mV threshold com-
plies with the ±200mV EIA/TIA-485 standard.
MAX3158 Programming
The MAX3158 has several programmable operating
modes. Occasionally, twisted-pair lines are reversed.
The MAX3158 has two pins that invert the phase of the
driver and the receiver to correct for this problem. For
normal operation, drive TXP and RXP low, connect
them to ground, or leave them unconnected (internal
pulldown). To invert the driver phase, drive TXP high or
connect it to VCC. To invert the receiver phase, drive
RXP high or connect it to VCC. Note that the receiver
threshold is positive when RXP is high.
The MAX3158 can operate in full- or half-duplex mode.
Connect H/F to ISOCOM for full-duplex mode, and con-
nect it to ISOVCC for half-duplex operation. In half-
duplex mode, the receiver inputs are switched to the
driver outputs, connecting outputs Y and Z to inputs A
and B, respectively. In half-duplex mode, the internal
full-duplex receiver input resistors are still connected to
pins A and B.
Low-Power Shutdown Mode
The low-power shutdown mode is initiated by bringing
both RE high and DE low. In shutdown, this device typi-
cally draws only 25µA of supply current, and no power
is transferred across the isolation capacitors in this
mode. RE and DE may be driven simultaneously; the
parts are guaranteed not to enter shutdown if RE is
high and DE is low for less than 50ns. If the inputs are
in this state for at least 700ns, the parts are guaranteed
to enter shutdown. Enable times t_ZH and t_ZL in the
Switching Characteristics table assume the part was
not in a low-power shutdown state. Enable times
t_ZH(SHDN) and t_ZL(SHDN) assume the parts were shut
down. It takes drivers and receivers longer to become
enabled from low-power shutdown mode t_ZH(SHDN),
t_ZL(SHDN) than from driver/receiver-disable mode
(t_ZH, t_ZL).
Driver Output Protection
Two mechanisms prevent excessive output current and
power dissipation caused by faults or by bus con-
tention. The first, a foldback current limit on the output
stage, provides immediate protection against short cir-
cuits over the whole common-mode voltage range (see
Typical Operating Characteristics). The second, a ther-
mal shutdown circuit, forces the driver outputs into a
high-impedance state if the die temperature becomes
excessive—typically around +150°C.
Applications Information
Capacitor and Grounding Resistor
Selection
The value for the charge-pump capacitors C1 and C2
should be between 47nF and 100nF. Smaller values will
result in insufficient supply voltage on the isolated side.
Larger values are allowed but will not result in better
charge-pump capacity. The values for C1 and C2, as
well as that of C4, determine the maximum frequency
and amplitude of the voltage difference (under operat-
ing conditions) between the local and isolated ground.
Besides the capacitor values, this maximum frequency


Similar Part No. - MAX3158CPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3157 MAXIM-MAX3157 Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
MAX3157CAI MAXIM-MAX3157CAI Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
MAX3157CPI MAXIM-MAX3157CPI Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
MAX3157EAI MAXIM-MAX3157EAI Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
MAX3157EPI MAXIM-MAX3157EPI Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
More results

Similar Description - MAX3158CPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3157 MAXIM-MAX3157 Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
83Kb / 9P
   High-Fanout RS-485 Transceiver
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com