Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3160CAP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3160CAP
Description  3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3160CAP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3160CAP Datasheet HTML 4Page - Maxim Integrated Products MAX3160CAP Datasheet HTML 5Page - Maxim Integrated Products MAX3160CAP Datasheet HTML 6Page - Maxim Integrated Products MAX3160CAP Datasheet HTML 7Page - Maxim Integrated Products MAX3160CAP Datasheet HTML 8Page - Maxim Integrated Products MAX3160CAP Datasheet HTML 9Page - Maxim Integrated Products MAX3160CAP Datasheet HTML 10Page - Maxim Integrated Products MAX3160CAP Datasheet HTML 11Page - Maxim Integrated Products MAX3160CAP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
+3.0V to +5.5V, 1µA, RS-232/RS-485/422
Multiprotocol Transceivers
8
_______________________________________________________________________________________
Pin Description
PIN
MAX3160
MAX3161
MAX3162
NAME
FUNCTION
1
1
1
C1+
Positive Terminal of the Positive Flying Capacitor
222
VCC
Positive Supply Voltage
3
3
3
C1-
Negative Terminal of the Positive Flying Capacitor
4
4
4
GND
Ground
5
5
T1OUT
RS-232 Driver Output
5
——
Z(B)/T1OUT
Inverting RS-485/422 Driver Output in Full-Duplex Mode
(and Inverting RS-485/422 Receiver Input in Half-Duplex
Mode)/RS-232 Driver Output
——
6
Z
Inverting RS-485/422 Driver Output
6
Z(B)
Inverting RS-485/422 Driver Output in Full-Duplex Mode
(and Inverting RS-485/422 Receiver Input in Half-Duplex
Mode)
6
——
Y(A)/T2OUT
Noninverting RS-485/422 Driver Output in Full-Duplex
Mode (and Noninverting RS-485/422 Receiver Input in
Half-Duplex Mode)/RS-232 Driver Output
——
7
Y
Noninverting RS-485/422 Driver Output
7
Y(A)
Noninverting RS-485/422 Driver Output in Full-Duplex
Mode (and Noninverting RS-485/422 Receiver Input in
Half-Duplex Mode)
7
9
9
R1OUT
RS-232 Receiver Output
8
8
T2OUT
RS-232 Driver Output
810
RO/R2OUT
RS-485/422 Receiver Output/RS-232 Receiver Output
911
13
SHDN
Active-Low Shutdown-Control Input. Drive low to shut
down transmitters and charge pump.
——
10
R2OUT
RS-232 Driver Output
10
12
14
FAST
Select slew rate limiting for both RS-232 and RS-
485/422. Slew rate limits with a logic-level low.
——
11
RO
RS-485/422 Receiver Output
11
13
RS-485/
RS-232
Software-Programmable Pin Functionality. Operates as
RS-485/422 with a logic-level high; operates as RS-232
with a logic-level low.
——
12
RE485
RS-485/422 Receiver Enable. Logic-level low enables
RS-485/422 receivers.
12
14
HDPLX
Software-Programmable Pin Functionality. Operates in
full-duplex mode when low; operates in half-duplex
mode when high.


Similar Part No. - MAX3160CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160CAP++ MAXIM-MAX3160CAP+ Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160CAP++ MAXIM-MAX3160CAP+ Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
More results

Similar Description - MAX3160CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160 MAXIM-MAX3160_09 Datasheet
456Kb / 23P
   3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
   3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
logo
Exar Corporation
XR33052 EXAR-XR33052_17 Datasheet
761Kb / 20P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152 EXAR-XR33152_17 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156IDEVB EXAR-XR33156IDEVB Datasheet
631Kb / 19P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33052 EXAR-XR33052 Datasheet
648Kb / 18P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com