Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3131 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3131
Description  3V to 5.5V, IrDA Infrared Transceiver with Integrated RS-232 Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3131 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3131 Datasheet HTML 4Page - Maxim Integrated Products MAX3131 Datasheet HTML 5Page - Maxim Integrated Products MAX3131 Datasheet HTML 6Page - Maxim Integrated Products MAX3131 Datasheet HTML 7Page - Maxim Integrated Products MAX3131 Datasheet HTML 8Page - Maxim Integrated Products MAX3131 Datasheet HTML 9Page - Maxim Integrated Products MAX3131 Datasheet HTML 10Page - Maxim Integrated Products MAX3131 Datasheet HTML 11Page - Maxim Integrated Products MAX3131 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
3V to 5.5V, IrDA Infrared Transceiver with
Integrated RS-232 Interface
8
_______________________________________________________________________________________
Detailed Description
The MAX3130/MAX3131 are IrDA 1.2 compatible,
infrared transceivers with an integrated RS-232 inter-
face. By selecting appropriate external optical compo-
nents, these devices support IrDA 1.2 data rates from
2.4kbps to 115kbps at distances from 1cm to 1m. A
low-noise design allows them to achieve a bit-error rate
below 10-8 at maximum data rates. On-chip filtering
rejects out-of-band ambient light signals that interfere
with infrared communication. Both devices include a
high-power LED driver capable of sinking 200mA.
The MAX3130 and MAX3131 contain two RS-232 drivers
and two RS-232 receivers that support data rates up to
120kbps. The RS-232 transceiver is powered by a high-
efficiency, dual charge-pump power supply that oper-
ates with input supply voltages from +3.0V to +5.5V.
The MAX3130 is optimized for applications using a sin-
gle UART for both infrared and RS-232 communication.
The infrared transmitter input and infrared receiver out-
put are multiplexed with one RS-232 transmitter input
and one RS-232 receiver output, respectively. The
MAX3131 IrDA and RS-232 transceivers are indepen-
dent of each other for use in simultaneous multiprotocol
transceiver applications.
IR Receivers
The receiver amplifier reverse biases the PIN diode
with approximately 1.2V, and the PIN diode converts
pulses of IR light into pulses of current. The input trans-
impedance (current-to-voltage) amplifier converts and
amplifies these current pulses into voltage pulses. The
MAX3130/MAX3131 incorporate filters that remove low-
frequency ambient light interference and high-frequency
circuit noise from these voltage pulses. A high-speed
comparator then translates these voltage pulses into
CMOS output levels. Figures 1 and 2 show system
functional diagrams.
The RXD pin is the output of the infrared receiver for
the MAX3131. The R2OUT pin is the output of the
infrared receiver for the MAX3130 (IRMODE = low).
With the ENDEC disabled, the infrared receiver output
pulses low upon each incoming infrared pulse. The
pulse width of the receiver output depends on many
factors, including transmitter distance and power, PIN
photodiode efficiency and area, and incoming data
rate. Under all circumstances the output pulse is less
than one baud period. To communicate with UARTs
that are not IrDA compatible, enable the ENDEC (see
the
IrDA Encoder/Decoder (ENDEC) section).
MAX3131 Operational Modes Table
RSSD
IRSD
T_OUT
R_IN
LEDC
RXD
0
0
High-Z
Enabled
Enabled
Logic High
0
1
High-Z
Enabled
Enabled
IrDA Output
1
0
Enabled
Enabled
Enabled
Logic High
1
1
Enabled
Enabled
Enabled
IrDA Output
MAX3130 Function Table
RSSD
X
X
0
0
IRMODE
MAX3130
CONTROL INPUTS
IRSD
0
1
RS-232
Input
RS-232
Input
T1IN
LOGIC INPUTS
IrDA
Input
IrDA
Input
T2IN
Enabled
High-Z
High-Z
T1OUT
RS-232 I/O
High-Z
High-Z
T2OUT
Disabled
RS-232
Input
RS-232
Input
R1IN
PINC
RS-232
Input
RS-232
Input
R2IN
IrDA
INPUT
RS-232
Output
RS-232
Output
R1OUT
LOGIC OUTPUTS
IrDA
Output
IrDA
Output
R2OUT
Disabled
Enabled
Enabled
LEDC
IrDA
OUTPUT
0
1
0
RS-232
Input
RS-232
Input
High-Z
High-Z
RS-232
Input
RS-232
Input
RS-232
Output
RS-232
Output
Disabled
0
1
1
RS-232
Input
RS-232
Input
High-Z
High-Z
RS-232
Input
RS-232
Input
RS-232
Output
RS-232
Output
Disabled
Enabled
Disabled
Enabled
1
1
0
RS-232
Input
RS-232
Input
RS-232
Output
RS-232
Output
RS-232
Input
RS-232
Input
RS-232
Output
RS-232
Output
Disabled
1
1
1
RS-232
Input
RS-232
Input
RS-232
Output
RS-232
Output
RS-232
Input
RS-232
Input
RS-232
Output
RS-232
Output
Disabled
X = Don’t care


Similar Part No. - MAX3131

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX313 MAXIM-MAX313 Datasheet
385Kb / 12P
   10?? Quad, SPST, CMOS Analog Switches
19-0420; Rev 1; 6/99
MAX313 MAXIM-MAX313 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX313 MAXIM-MAX313 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX31328 MAXIM-MAX31328 Datasheet
736Kb / 26P
   ±3.5ppm, I2C RTC with Integrated Crystal and Power Management
Rev 0; 2/21
MAX31328 MAXIM-MAX31328 Datasheet
857Kb / 11P
   Easy Evaluation of the MAX31328
319-100667; Rev 0; 12/20
More results

Similar Description - MAX3131

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
Exar Corporation
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
   3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
   A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com