Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNO-4673ADP-A33E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UNO-4673ADP-A33E
Description  Intel짰 Atom / Core??i7 Automation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UNO-4673ADP-A33E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UNO-4673ADP-A33E Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
UNO-4673A
UNO-4683
ƒ IEC 61850-3 and IEEE 1613 compliant for substation automation applications
ƒ Onboard Intel Atom 1.66 GHz / Core i7 2.0 GHz processor
ƒ 2 x RS-232/422/485 isolated serial ports with automatic flow control and
128KB FIFO
ƒ 2 x 10/100/1000 Base-T (supports teaming function) and 4 x 10/100 Base-T
ƒ Supports 1 x internal CF card and 1 x 2.5" SATA HDD
ƒ 6 x USB 2.0 (1 x internal) and 3 x Domain I/O expansions
ƒ Rear wiring, multiple system & I/O LED status indicators
ƒ Windows® CE 6.0, Windows XP Embedded SP2, and Linux ready solution
ƒ Fanless design
ƒ Isolation power design with wide AC / DC input range
ƒ Isolation between chassis and power ground
ƒ One internal USB for dongle and flash drive
ƒ Redundant power supplier for system power backup
Intel® Atom/ Corei7 Automation
Computers with 6 x LAN, 2 x COM and
3 x Expansion Slots
Introduction
The UNO-4673A and UNO-4683 are compliant with the hardware requirements of IEC 61850-3, which defines the international standards of network and system communications in
power substations. Featuring fanless designs with built-in isolated PSU and 3 expansion slots for I/O plug-in cards, the UNO-4673A and UNO-4683 are suitable for harsh environment
applications. The rear I/O connection and LEDs on front panel for all ports and modes highly simplify monitoring for operation and maintenance.
Specifications
General
ƒ
Certification
IEC 61850-3, IEEE 1613, CE, FCC Class A, UL, CCC
ƒ
Dimensions (W x D x H) 2U (440 x 280 x 88) mm (17.3" x 11" x 3.4")
fits into standard 19 inch rack
ƒ
Enclosure
SECC
ƒ
Mounting
2U Rackmount
ƒ
Power Consumption
45W (Typical)
ƒ
Power Requirements
AC : 100 ~ 240 VAC (47 ~ 63 Hz)
DC : 106 ~ 250 VDC
With isolation protection, AT
ƒ
Weight
6.0 kg
ƒ
OS Support
WES, Windows XP Embedded, Windows /XP, Windows
CE 6.0, Linux, QNX
ƒ
System Design
Fanless
ƒ
Remote Management Built-in Advantech DiagAnywhere agent on Windows
CE/XPe
System Hardware
ƒ
CPU
Intel Dual Core Atom D510 1.66 GHz / Core i7 2.0 GHz
ƒ
Memory
2G DDR2 SDRAM/4G DDR3 SDRAM built-in
ƒ
Indicators
LEDs for Power, IDE, Alarm for battery backup SRAM,
Diagnosis (programmable), LAN (Active, Status) and
Serial (Tx, Rx)
ƒ
Keyboard/Mouse
2 x PS/2 connector for Keyboard & Mouse
ƒ
Storage
CF
1 x internal type I/II CompactFlash® slot
HDD
1 x build-in 2.5" SATA HDD bracket
*RAID capable with 2nd HDD kit
ƒ
Display
DB15 VGA connector, 2048 x 1536 @ 85 Hz
(UNO-4673A)
1 x DVI-I, 1 x DVI-D (UNO-4683)
ƒ
Watchdog Timer
Programmable 7-tier event handler, from 1 to 255
seconds for each tier
ƒ
Battery Backup SRAM 1 MB
ƒ
Relay:
Relay output:
Form C
Contact:
5A@250VAC\5A@30VDC
I/O Interface
ƒ
Serial Ports
2 x DB-9
Automatic RS-485 data flow control
2000 VDC EFT protection & 2000 VDC isolation
ƒ
Serial Port Speed
RS-232: 50 ~ 115.2 kbps
RS-422/485: 50 ~ 921.6 kbps (Max.)
ƒ
LAN
2 x 10/100/1000 Base-T RJ-45 ports,teaming function
supported
4 x 10/100Base-T RJ-45 ports
ƒ
Audio
Line-out
ƒ
USB Ports
6 x USB, UHCI, Rev. 2.0 compliant
2 x Front, 3 x Rear and 1 x Internal ports
ƒ
Expansion
3 x Domain I/O expansions (Only slot 1 supports PCIe
resource)
Environment
ƒ
Humidity
95% @ 40°C (non-condensing)
ƒ
Operating Temperature IEC 60068-2-2 with 100% CPU/ I/O loading, 48 hrs
-20 ~ 70°C
ƒ
Operating Humidity
20 ~ 95% (non-condensing)
ƒ
Shock Protection
IEC 60068-2-27 CompactFlash®: 50 G half sine, 11 ms
HDD: 20 G half sine, 11 ms
ƒ
Vibration Protection
IEC 60068-2-64 (Random 1 Oct./min, 1hr/axis.)
CompactFlash®: 2 Grms @ 5 ~ 500 Hz,
HDD: 1 Grms @ 5 ~ 500 Hz
Ordering Information
ƒ
UNO-4673A-A33E
Intel Atom 1.66 GHz, 2 GB RAM Automation Computer
ƒ
UNO-4683-D34E
Core i7 2.0 GHz, 4 GB RAM Automation Computer
ƒ
UNO-4673ADP-A33E
Intel Atom 1.66 GHz, 2 GB RAM, dual PSU Automation
Computer
ƒ
UNO-4683DP-D34E
Core i7 2.0 GHz, 4 GB RAM, dual PSU Automation
Computer
RoHS
COMPLIANT
2002/95/EC
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - UNO-4673ADP-A33E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-4673ADP-A33E ADVANTECH-UNO-4673ADP-A33E Datasheet
198Kb / 1P
   Intel짰 Atom / Core??i7 Automation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-4673ADP-A33E ADVANTECH-UNO-4673ADP-A33E Datasheet
203Kb / 1P
   2 x 10/100/1000 Base-T
More results

Similar Description - UNO-4673ADP-A33E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-4673A ADVANTECH-UNO-4673A_15 Datasheet
198Kb / 1P
   Intel짰 Atom / Core??i7 Automation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-4683 ADVANTECH-UNO-4683 Datasheet
455Kb / 2P
   Intel짰 Atom D510 / Core??i7 Substation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-4673A ADVANTECH-UNO-4673A Datasheet
455Kb / 2P
   Intel짰 Atom D510 / Core??i7 Substation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
ECU-4784 ADVANTECH-ECU-4784_15 Datasheet
184Kb / 1P
   Intel짰 Haswell Core i7 Power & Energy Automation Computer with 8 x LAN, 10 x COM and 2 x Expansion Slots
UNO-4671A ADVANTECH-UNO-4671A_15 Datasheet
162Kb / 1P
   Intel짰 Atom??D510/D525 Power & Energy Automation Computers with 6 x LAN, 10 x COM, and 1 x PCI-104
UNO-4678 ADVANTECH-UNO-4678_14 Datasheet
173Kb / 1P
   Intel짰 Celeron짰 M Power & Energy Automation Computers with 3 x LAN, 8 x COM, PC/104
UNO-3073G ADVANTECH-UNO-3073G_15 Datasheet
189Kb / 1P
   Intel짰 Core i7/Celeron 800 series Automation Computers with 3/5 PCI(e) expansion slots, 2 mPCIe slots and 2 CFast sockets
UNO-2173A ADVANTECH-UNO-2173A Datasheet
314Kb / 1P
   Intel짰 Atom??Fanless Box PC with 1 x LAN, 2 x COM, Mini-PCIe
APAX-6572 ADVANTECH-APAX-6572_15 Datasheet
159Kb / 1P
   Intel짰 Atom??D510 1.66 GHz, 2 GB RAM Controller with 3 x LAN, 2 x COM, VGA
ECU-4574 ADVANTECH-ECU-4574 Datasheet
260Kb / 1P
   Intel® ATOM E3930 Power and Energy Computers with 8 x LAN, 10 x COM
26-Oct-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com