Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130094-0289 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130094-0289
Description  Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130094-0289 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130094-0289 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130094-0289
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
12.70-15.49mm (.500-.610"), Approximate Break Strength 349.27kg (770 lbs),
Stainless Steel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Double
NEMA Rating
NEMA 4
O-Ring
No
Overview
Support Grips
Product Name
Standard Duty
Type
Support Grip
UPC
78678809810
Woodhead
Yes
Physical
Approximate Break Strength
349.27kg (770 lbs)
Bale Length
0.102m (4.00")
Body Style
Straight
Cable Diameter
12.70-15.49mm (.500-.610")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Stainless Steel
Mesh Length
0.279m (11.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35135SS
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130094Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130094-0289

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0287 MOLEX11-130094-0287 Datasheet
31Kb / 1P
   Standard Duty Support Grip, Hook Bale, Closed Mesh, Single Weave, Cable Diameter
130094-0288 MOLEX11-130094-0288 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
More results

Similar Description - 130094-0289

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0290 MOLEX11-130094-0290 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
130094-0295 MOLEX11-130094-0295 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
130094-0300 MOLEX11-130094-0300 Datasheet
38Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
130094-0303 MOLEX11-130094-0303 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
1300940290 MOLEX11-1300940290 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
1300940301 MOLEX11-1300940301 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
1300940293 MOLEX11-1300940293 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
1300940304 MOLEX11-1300940304 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
130094-0297 MOLEX11-130094-0297 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
130094-0305 MOLEX11-130094-0305 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
1300940292 MOLEX11-1300940292 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Split Lace, Single Weave, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com