Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3180EUK-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3180EUK-T
Description  3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3180EUK-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3180EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX3180EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX3180EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX3180EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX3180EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX3180EUK-T Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
+3V to +5.5V, 1.5Mbps
RS-232 Receivers in SOT23-5
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5.0V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
RIN to GND ..........................................................................±25V
EN, ROUT, INVALID to GND ......................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C)...................571mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ISOURCE = 1.0mA
VCC = 3.3V or 5V, RIN = VCC or GND, no load
Negative threshold
Positive threshold
VCC = 5.0V
VCC = 3.3V
ISINK = 1.6mA
VCC = 5.0V
VCC = 3.3V
VCC = 3.3V
VCC = 5.0V
CONDITIONS
k
35
7
RRIN
Input Resistance
V
VCC -
VCC -
0.6
0.1
VOH
Output Voltage High
V
-0.3
0.3
VITOL
RIN Threshold to INVALID
Output Low
V
-2.7
VITOH
ISOURCE = 1.0mA
2.7
V
RIN Threshold to INVALID
Output High
mV
300
VHYST
Input Hysteresis
V
1.8
2.7
VITH
Input Threshold High
1.5
2.4
VCC -
0.6
VIOH
V
0.8
1.5
VITL
Input Threshold Low
0.6
1.2
INVALID Output Voltage High
V
-25
25
VRIN
Input Voltage Range
µA
0.5
5
ICC
Supply Current
V
3.0
5.5
VCC
Supply Voltage
V
0.4
VIOL
INVALID Output Voltage Low
µA
±0.01
±1.0
IEN
Leakage Current
V
0.8
VIL
Logic Threshold Low
2.0
ISINK = 1.6mA
V
2.4
VIH
Logic Threshold High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Receiver disabled
V
0.4
VOL
Output Voltage Low
µA
±0.05
±10
IROUT
Output Leakage Current
DC CHARACTERISTICS
LOGIC INPUT (EN)
LOGIC OUTPUT
RECEIVER INPUT
RECEIVER OUTPUT


Similar Part No. - MAX3180EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3180EUK-T MAXIM-MAX3180EUK-T Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
More results

Similar Description - MAX3180EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3180-MAX3183 MAXIM-MAX3180-MAX3183 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180E MAXIM-MAX3180E Datasheet
145Kb / 8P
   -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
logo
Intersil Corporation
ICL3207 INTERSIL-ICL3207_05 Datasheet
240Kb / 11P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207 RENESAS-ICL3207 Datasheet
624Kb / 12P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3217 INTERSIL-ICL3217 Datasheet
297Kb / 11P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com