Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC_HCT151 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC_HCT151
Description  8-input multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT151 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC_HCT151_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT151_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74HC_HCT151
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 26 January 2015
3 of 19
NXP Semiconductors
74HC151; 74HCT151
8-input multiplexer
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 4.
Pin configuration DIP16, SO16 and (T)SSOP16
Table 2.
Pin description
Symbol
Pin
Description
I0 to I7
4, 3, 2, 1, 15, 14, 13, 12
data inputs
Y
5
multiplexer output
Y
6
complementary multiplexer output
E
7
enable input (active LOW)
GND
8
ground (0 V)
S0, S1, S2
11, 10, 9
common data select inputs
VCC
16
supply voltage


Similar Part No. - 74HC_HCT151_15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74HC_HCT151 ICST-74HC_HCT151 Datasheet
48Kb / 7P
   74HC/HCT151 8-input multiplexer
More results

Similar Description - 74HC_HCT151_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
   8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
   8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
[Old version datasheet]   8-Input Multiplexer
logo
National Semiconductor ...
54LS152 NSC-54LS152 Datasheet
77Kb / 3P
   8-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com