Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3098E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3098E
Description  짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3098E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3098E Datasheet HTML 1Page - Maxim Integrated Products MAX3098E Datasheet HTML 2Page - Maxim Integrated Products MAX3098E Datasheet HTML 3Page - Maxim Integrated Products MAX3098E Datasheet HTML 4Page - Maxim Integrated Products MAX3098E Datasheet HTML 5Page - Maxim Integrated Products MAX3098E Datasheet HTML 6Page - Maxim Integrated Products MAX3098E Datasheet HTML 7Page - Maxim Integrated Products MAX3098E Datasheet HTML 8Page - Maxim Integrated Products MAX3098E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
±15kV ESD-Protected, 32Mbps, 3V/5V,
Triple RS-422/RS-485 Receivers with Fault Detection
_______________________________________________________________________________________
5
CH 3
CH 2
GND
CH 1
COMMON-MODE VOLTAGE FAULT
(HIGH SIDE)
2ms/div
CH1: VA + AC(60Hz), 10V/div
CH2: VOUTA, 5V/div
CH3: VALARMA, 5V/div
VCC = 3V
GND
GND
COMMON-MODE VOLTAGE FAULT
(LOW SIDE)
CH 3
CH 2
GND
CH 1
2ms/div
CH1: VA + AC(60Hz), 10V/div
CH2: VOUTA, 5V/div
CH3: VALARMA, 5V/div
VCC = 3V
GND
GND
Typical Operating Characteristics (continued)
(Typical values are at VCC = +5V and TA = +25°C.)
MAX3097E
LOW DIFFERENTIAL INPUT FAULT
CH 2
GND
GND
CH 1
100
µs/div
CH1: VA, 200mV/div
CH2: VALARMA, 5V/div
VA = GND
SLEW-RATE FAULT
CH 2
GND
GND
CH 1
CH1: VA, 5V/div
CH2: VALARMA, 5V/div
SLEW RATE = 0.05V/
µs
VA = GND
-8
-4
4
0
8
12
-10
0
-5
5
10
FAULT-DETECTION RECEIVER DIFFERENTIAL
THRESHOLD VOLTAGE SHIFT vs.
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
MAX3097E
MAX3098E


Similar Part No. - MAX3098E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX309 MAXIM-MAX309 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX309 MAXIM-MAX309 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3093ECPE MAXIM-MAX3093ECPE Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3093ECSE MAXIM-MAX3093ECSE Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
More results

Similar Description - MAX3098E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com