Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX313MJE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX313MJE
Description  10?? Quad, SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX313MJE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX313MJE Datasheet HTML 1Page - Maxim Integrated Products MAX313MJE Datasheet HTML 2Page - Maxim Integrated Products MAX313MJE Datasheet HTML 3Page - Maxim Integrated Products MAX313MJE Datasheet HTML 4Page - Maxim Integrated Products MAX313MJE Datasheet HTML 5Page - Maxim Integrated Products MAX313MJE Datasheet HTML 6Page - Maxim Integrated Products MAX313MJE Datasheet HTML 7Page - Maxim Integrated Products MAX313MJE Datasheet HTML 8Page - Maxim Integrated Products MAX313MJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
10
, Quad, SPST, CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
V+ ...........................................................................-0.3V to +44V
V- ............................................................................+0.3V to -44V
V+ to V-...................................................................-0.3V to +44V
VL .....................................................(GND - 0.3V) to (V+ + 0.3V)
All Other Pins (Note 1) ................................(V- - 2V) to (V+ + 2V)
or 30mA (whichever occurs first)
Continuous Current (COM_, NO_, NC_).........................±100mA
Peak Current (COM_, NO_, NC_) ...................................±300mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
TSSOP (derate 6.7mW/°C above +70°C) ....................457mW
Operating Temperature Ranges
MAX31_C_ ..........................................................0°C to +70°C
MAX31_E_ .......................................................-40°C to +85°C
MAX31_M_.....................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to
maximum current rating.
(Note 3)
VCOM =
10V,
VNO_ or VNC_ = ±10V
ICOM = 10mA,
VNO_ or VNC_ = ±10V
ICOM = 10mA,
VNO_ or VNC_ = ±10V
CONDITIONS
6.5
10
V
V-
V+
VCOM_,
VNO_,
VNC_
Analog Signal Range
nA
-40
40
INO
INC
Off Leakage Current
(NO_ or NC_)
(Note 6)
-2.5
2.5
-0.5
-0.02
0.5
9
15
RON
On-Resistance
0.3
1.5
3
∆RON
On-Resistance Match Between
Channels (Note 4)
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
C, E
M
TA =
+25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
ICOM = 10mA,
VNO_ or VNC_ = -5V,
0V, 5V
0.2
2
4
RFLAT(ON)
On-Resistance Flatness
(Note 5)
TA = +25°C
TA = TMIN
to TMAX
C, E
M
VCOM = ±10V,
VNO_ or VNC_ =
10V
TA = +25°C
TA = TMIN
to TMAX
C, E
M
nA
-40
40
INC(OFF)
COM Off Leakage Current
(Note 6)
-2.5
2.5
-0.5
-0.02
0.5
VCOM = ±10V,
VNO_ or VNC_ = ±10V
TA = +25°C
TA = TMIN
to TMAX
C, E
M
nA
-100
100
ICOM(ON)
COM On Leakage Current
(Note 6)
-5
5
-1
-0.04
1
ANALOG SWITCH


Similar Part No. - MAX313MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX313MJE MAXIM-MAX313MJE Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
More results

Similar Description - MAX313MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com