Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3827M Datasheet(PDF) 8 Page - International Rectifier

Part # IR3827M
Description  Single input voltage range from 5V to 21V
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3827M Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3827M_15 Datasheet HTML 4Page - International Rectifier IR3827M_15 Datasheet HTML 5Page - International Rectifier IR3827M_15 Datasheet HTML 6Page - International Rectifier IR3827M_15 Datasheet HTML 7Page - International Rectifier IR3827M_15 Datasheet HTML 8Page - International Rectifier IR3827M_15 Datasheet HTML 9Page - International Rectifier IR3827M_15 Datasheet HTML 10Page - International Rectifier IR3827M_15 Datasheet HTML 11Page - International Rectifier IR3827M_15 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
IR3827
8
www.irf.com
© 2013 International Rectifier
July 18, 2013
ELECTRICAL CHARACTERISTICS (CONTINUED)
Unless otherwise specified, these specifications apply over, 5.5V < Vin = PVin < 21V, 0°C < TJ < 125°C, LDO_Select=Gnd,
SS_Select=Float. Typical values are specified at Ta = 25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Ramp Offset
Note 8
0.16
V
Minimum Pulse Width
Tmin(ctrl)
Note 8
60
ns
Maximum Duty Cycle
Dmax
Fs = 300kHz, Vin =PVin= 12V
86
%
Fixed Off Time
Toff
Note 8
200
250
ns
Sync Frequency Range
Fsync
270
1320
kHz
Sync Pulse Duration
Tsync
100
200
ns
Sync Level Threshold
High
3
V
Low
0.6
Error Amplifier
Input Offset Voltage
VFB – VSEQ, VSEQ=0.3V
-3
+3
%
Input Bias Current (VFB)
IFB(E/A)
-1
+1
µA
Input Bias Current (VSEQ)
ISEQ(E/A)
0
+4
Sink Current
Isink(E/A)
0.4
0.85
1.2
mA
Source Current
Isource(E/A)
4
7.5
11
mA
Slew Rate
SR
Note 8
7
12
20
V/µs
Gain-Bandwidth Product
GBWP
Note 8
20
30
40
MHz
DC Gain
Gain
Note 8
100
110
120
dB
Maximum Output Voltage
Vmax(E/A)
1.7
2.0
2.3
V
Minimum Output Voltage
Vmin(E/A)
100
mV
Common Mode Input Voltage
0
1.2
V
Reference Voltage (VREF)
Feedback Voltage
VFB
LDO_Select= Gnd
0.6
V
LDO_Select= Float
0.6
Accuracy
0°C < Tj < 70°C
-0.6
+0.6
%
-40°C < Tj < 125°C ; Note 9
-1.2
+1.2
Soft Start
Soft Start Ramp Rate
SS_Select=High
0.34
0.4
0.46
mV/µs
SS_Select=Float
0.17
0.2
0.23
SS_Select=Gnd
0.085
0.1
0.115
SS_Select Input Bias Current
LDO_Select=Gnd
SS_Select=Gnd
40
80
uA


Similar Part No. - IR3827M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3827MPBF IRF-IR3827MPBF Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3827MTR1PBF IRF-IR3827MTR1PBF Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3827MTRPBF IRF-IR3827MTRPBF Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results

Similar Description - IR3827M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3823M IRF-IR3823M_15 Datasheet
2Mb / 41P
   Single input voltage range from 5V to 21V
IR3447M IRF-IR3447M_15 Datasheet
1Mb / 51P
   Single 5V to 21V application
IR3448M IRF-IR3448M_15 Datasheet
3Mb / 50P
   Single 5V to 21V application
logo
Maxim Integrated Produc...
MAX25610 MAXIM-MAX25610 Datasheet
496Kb / 10P
   5V to 18V Input Voltage Range
Rev 0; 4/19
MAX7044EVKIT MAXIM-MAX7044EVKIT Datasheet
6Mb / 32P
   Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
logo
ETAL Group
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
   Wide range voltage input from AC 340 to 575 V
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
   Wide range voltage input from AC 340 to 575 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
   Wide range voltage input from AC 88 to 264 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com