Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3097 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3097
Description  짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3097 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3097 Datasheet HTML 7Page - Maxim Integrated Products MAX3097 Datasheet HTML 8Page - Maxim Integrated Products MAX3097 Datasheet HTML 9Page - Maxim Integrated Products MAX3097 Datasheet HTML 10Page - Maxim Integrated Products MAX3097 Datasheet HTML 11Page - Maxim Integrated Products MAX3097 Datasheet HTML 12Page - Maxim Integrated Products MAX3097 Datasheet HTML 13Page - Maxim Integrated Products MAX3097 Datasheet HTML 14Page - Maxim Integrated Products MAX3097 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
±15kV ESD-Protected, 32Mbps, 3V/5V,
Triple RS-422/RS-485 Receivers with Fault Detection
______________________________________________________________________________________
11
Common-Mode Range
The MAX3097E/MAX3098E contain circuitry that de-
tects if the input stage is going outside its useful com-
mon-mode range. If the received data could be
unreliable, a fault signal is triggered.
Detecting Low Input Differential
Due to cable attenuation on long wire runs, it is possi-
ble that VID < 200mV, and incorrect data will be
received. In this condition, a fault will be indicated.
Delayed Fault Output
The delayed fault output provides a programmable
blanking delay to allow transient faults to occur without
triggering an alarm. Such faults may occur with slow
signals triggering the receiver alarm through the zero
crossover region.
Figure 9 shows the delayed alarm output.
ALARMD performs a logic OR of ALARMA, ALARMB,
and ALARMZ (Figure 10). A NOR gate drives an N-
channel MOSFET so that in normal operation with no
faults, the current source (10µA typ) is shunted to
ground. Upon activation of any alarm from receiver A,
B, or Z, the MOSFET is turned off, allowing the current
source to charge CDELAY. When VDELAY exceeds the
DELAY threshold, the comparator output, ALARMD,
goes high. ALARMD is reset when all receiver alarms
go low, quickly discharging CDELAY to ground.
Setting Delay Time
ALARMD’s delay time is set with a single capacitor
connected from DELAY to GND. The delay comparator
threshold varies with supply voltage, and the CDELAY
value can be determined for a given time delay period
from the Capacitance vs. ALARMD Output Delay graph
in the Typical Operating Characteristics or using the
following equations:
tD = 15 + 0.33 x CDELAY (for VCC = 5V)
and
tD = 10 + 0.187 x CDELAY (for VCC = 3V)
where tD is in µs and CDELAY is in pF.
ALARMA
ALARMB
ALARMD
tD
tD
ALARMA
ALARMB
ALARMZ
ALARMD
DELAY
COMPARATOR
NMOS
DELAY
CURRENT
SOURCE
CDELAY*
(EXTERNAL)
G1
DELAY THRESHOLD
tDLY
ALARM_
DELAY
ALARMD
*The capacitor (CDELAY) charges up slowly, but discharges rapidly.
If the duration of an ALARM_ pulse is less than tDLY, no alarm
output will be present at ALARMD.
Figure 9. Delayed Alarm Output
Figure 10. ALARMD Simplified Schematic
Figure 8. Short-Circuit Detection
A
NORMAL OPERATION
SHORT CIRCUIT A TO A
A


Similar Part No. - MAX3097

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3097ECEE MAXIM-MAX3097ECEE Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3097ECSE MAXIM-MAX3097ECSE Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
More results

Similar Description - MAX3097

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3097E MAXIM-MAX3097E_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection
19-1727; Rev 1; 5/19
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3093E MAXIM-MAX3093E Datasheet
416Kb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
19-1779; Rev 2; 10/02
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
logo
Renesas Technology Corp
ISL4485E RENESAS-ISL4485E Datasheet
620Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL4485E INTERSIL-ISL4485E Datasheet
403Kb / 11P
   짹15kV ESD Protected, 20Mbps, 5V, Low Power, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E Datasheet
218Kb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com