Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3186CWP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3186CWP
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3186CWP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3186CWP Datasheet HTML 1Page - Maxim Integrated Products MAX3186CWP Datasheet HTML 2Page - Maxim Integrated Products MAX3186CWP Datasheet HTML 3Page - Maxim Integrated Products MAX3186CWP Datasheet HTML 4Page - Maxim Integrated Products MAX3186CWP Datasheet HTML 5Page - Maxim Integrated Products MAX3186CWP Datasheet HTML 6Page - Maxim Integrated Products MAX3186CWP Datasheet HTML 7Page - Maxim Integrated Products MAX3186CWP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX3186 is a complete DCE RS-232 serial port
designed to meet the stringent ESD requirements of the
European community. All transmitter outputs and receiv-
er inputs are protected to ±15kV using IEC 1000-4-2
Air-Gap Discharge, ±8kV using IEC 1000-4-2 Contact
Discharge, and ±15kV using the Human Body Model.
The MAX3186 has five RS-232 transmitters, three RS-
232 receivers, and no charge pump, optimizing it for
operation in modem applications. It is guaranteed to
run at data rates up to 230kbps, providing compatibility
with popular software for communicating with personal
computers. Power-supply current is less than 300µA for
IDD and ISS, and less than 1mA for ICC.
The MAX3186 is available in an SO package and in the
tiny SSOP that further reduces board space.
________________________Applications
Modems
ISDN Modems
Instruments
Equipment Meeting IEC1000-4-2
____________________________Features
o Enhanced ESD Protection:
±15kV—Human Body Model
±8kV—IEC1000-4-2, Contact Discharge
±15kV—IEC1000-4-2, Air-Gap Discharge
o Latchup Free During an ESD Event
o 20-Pin SSOP or SO Packages
o Guaranteed 230kbps Data Rate
o Flow-Through Pinout
o Complete DCE Serial Port
±15kV ESD-Protected, EMC-Compliant, 230kbps
RS-232 Serial Port for Modems
________________________________________________________________
Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VCC
T1IN
R1OUT
T2IN
T2OUT
R1IN
T1OUT
VDD
TOP VIEW
R2OUT
R3OUT
T3IN
T4IN
T4OUT
T3OUT
R3IN
R2IN
12
11
9
10
T5IN
GND
VSS
T5OUT
SO/SSOP
MAX3186
__________________Pin Configuration
MAX3186
MAX3185
RS-232
INTERCONNECTING
CABLE
T1
T2
T3
T4
T5
R1
R1
R2
R3
R4
R5
R3
R2
T1
T2
T3
TTL/CMOS
LOGIC
I/O
TTL/CMOS
LOGIC
I/O
__________Typical Operating Circuit
19-1077; Rev 0; 9/96
PART
MAX3186CWP
MAX3186CAP
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 SO
20 SSOP
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX3186EWP
-40°C to +85°C
20 SO
MAX3186EAP
-40°C to +85°C
20 SSOP


Similar Part No. - MAX3186CWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31865 MAXIM-MAX31865 Datasheet
1Mb / 25P
   RTD-to-Digital Converter
Rev 0; 10/12
MAX31865 MAXIM-MAX31865 Datasheet
536Kb / 7P
   Simple Conversion of Platinum RTD Resistance to Digital Value
19-6909; Rev 0; 1/14
MAX31865 MAXIM-MAX31865 Datasheet
1Mb / 13P
   Fully Assembled and Tested
19-6500; Rev 0; 11/12
MAX31865AAP++ MAXIM-MAX31865AAP+ Datasheet
695Kb / 26P
   RTD-to-Digital Converter
2015
MAX31865AAP+T MAXIM-MAX31865AAP+T Datasheet
695Kb / 26P
   RTD-to-Digital Converter
2015
More results

Similar Description - MAX3186CWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3185 MAXIM-MAX3185 Datasheet
64Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs
19-1076; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
MAX1406 MAXIM-MAX1406 Datasheet
72Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
19-1120; Rev 0; 9/96
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Analog Devices
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX3209E MAXIM-MAX3209E_V01 Datasheet
262Kb / 12P
   짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 5; 9/02
MAX3209E MAXIM-MAX3209E Datasheet
111Kb / 8P
   짹15kV ESD-Protected, 12V, Dual RS-232 Serial Port with Low-Power Standby for Motherboards/Desktops
19-1471; Rev 1; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com