Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3846M Datasheet(PDF) 9 Page - International Rectifier

Part # IR3846M
Description  Enhanced line/load regulation with Feed-Forward
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3846M Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3846M_15 Datasheet HTML 5Page - International Rectifier IR3846M_15 Datasheet HTML 6Page - International Rectifier IR3846M_15 Datasheet HTML 7Page - International Rectifier IR3846M_15 Datasheet HTML 8Page - International Rectifier IR3846M_15 Datasheet HTML 9Page - International Rectifier IR3846M_15 Datasheet HTML 10Page - International Rectifier IR3846M_15 Datasheet HTML 11Page - International Rectifier IR3846M_15 Datasheet HTML 12Page - International Rectifier IR3846M_15 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
IR3846
9
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback June 18, 2015
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Switch Node
SW Leakage Current
lsw
SW = 0V, Enable = 0V
1
µA
SW = 0V, Enable =
HIGH, Vp=0 V
Internal Regulator (VCC/LDO)
Output Voltage
VCC
Vin(min) = 7.2V, Io=0-
30mA, Cload = 2.2uF,
DCM=0
6.3
6.8
7.1
V
Vin(min) = 7.2V, Io=0-
30mA, Cload = 2.2uF,
DCM=1
4
4.4
4.8
VCC dropout
VCC_drop
Vin = 7V, Io=70 mA,
Cload = 2.2uF
0.7
V
Short Circuit Current
Ishort
Note 4
70
mA
Zero-crossing
Comparator Delay
Tdly_zc
256 /
Fs
s
Zero-crossing
Comparator Offset
Vos_zc
Note 4
0
mV
Body Braking
BB Threshold
BB_threshold
Fb > Vref, Sw duty
cycle, Note 3
0
%
FAULTS
Power Good
Power Good Low Upper
Threshold
VPG_low(upper)
Vsns Rising,
0.4V < Vref < 1.2V
115
120
125
% Vref
Vsns Rising,
Vref < 0.1V
115
120
125
% Vp
Power Good Low Upper
Threshold Falling delay
VPG_low(upper)_Dly
Vsns >
VPG_low(upper)
1.5
2.5
3.5
µs
Power Good High Lower
Threshold
VPG_high(lower)
Vsns Rising,
0.4V < Vref < 1.2V
95
% Vref
Vsns Rising,
Vref < 0.1V
95
% Vp
Power Good High Lower
Threshold Rising Delay
VPG_high(lower)_Dly
Vsns rising
1.28
ms
Power Good Low Lower
Threshold
VPG_low(lower)
Vsns falling,
0.4V < Vref < 1.2V
90
% Vref
Vsns falling,
0.1V < Vref
90
%Vp
Power Good Low Lower
Threshold Falling delay
VPG_low(lower)_Dly
Vsns <
VPG_low(lower)
101
150
199
µs
PGood Voltage Low
PG (voltage)
IPGood = -5mA
0.5
V


Similar Part No. - IR3846M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846MPBF IRF-IR3846MPBF Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3846MTRPBF INFINEON-IR3846MTRPBF Datasheet
2Mb / 55P
   DCDC Converter
Rev 3.5 Feb 05, 2016
More results

Similar Description - IR3846M_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18230G-XX-S08-R UTC-LR18230G-XX-S08-R Datasheet
158Kb / 4P
   Good Line and Load Regulation
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
   Extremely Tight Line and Load Regulation
logo
Astec America, Inc
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
   Regulation to zero load
ALQ20B48 ASTEC-ALQ20B48 Datasheet
145Kb / 2P
   Line regulation
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
   Regulation to zero load
logo
Analog Intergrations Co...
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
logo
STMicroelectronics
L7985 STMICROELECTRONICS-L7985 Datasheet
1Mb / 42P
   Voltage feed-forward
A5975AD STMICROELECTRONICS-A5975AD Datasheet
2Mb / 50P
   Voltage feed-forward
April 2011 Rev 1
A5975D STMICROELECTRONICS-A5975D Datasheet
1Mb / 50P
   Voltage feed-forward
April 2011Rev 1
logo
Texas Instruments
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com