Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3846M Datasheet(PDF) 5 Page - International Rectifier

Part # IR3846M
Description  Enhanced line/load regulation with Feed-Forward
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3846M Datasheet(HTML) 5 Page - International Rectifier

  IR3846M Datasheet HTML 1Page - International Rectifier IR3846M Datasheet HTML 2Page - International Rectifier IR3846M Datasheet HTML 3Page - International Rectifier IR3846M Datasheet HTML 4Page - International Rectifier IR3846M Datasheet HTML 5Page - International Rectifier IR3846M Datasheet HTML 6Page - International Rectifier IR3846M Datasheet HTML 7Page - International Rectifier IR3846M Datasheet HTML 8Page - International Rectifier IR3846M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
IR3846
5
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback June 18, 2015
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied.
PVin
-0.3V to 25V
Vin
-0.3V to 25V
VCC
-0.3V to 8V (Note 1)
SW
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
BOOT
-0.3V to 33V
BOOT to SW
-0.3V to VCC + 0.3V (Note 2)
Input/Output pins
-0.3V to 3.9V
RS+, RS-, RSo, PGD, Enable, OCset, S_Ctrl
-0.3V to 8V (Note 1)
PGND to LGND, RS- to LGND
-0.3V to + 0.3V
Junction Temperature Range
-40°C to 150°C
Storage Temperature Range
-55°C to 150°C
ESD
Machine Model
Class A
Human Body Model
Class 1C
Charged Device Model
Class III
Moisture Sensitivity level
JEDEC Level 3 @ 260°C
RoHS Compliant
Yes
Note:
1.
VCC must not exceed 7.5V for Junction Temperature between -10°C and -40°C.
2.
Must not exceed 8V.
THERMAL INFORMATION
Thermal Resistance, Junction to Case
JC_TOP)
30 °C/W
Thermal Resistance, Junction to PCB (θ
JB)
2.71 °C/W
Thermal Resistance, Junction to Ambient
JA) (Note 3)
14.3 °C/W
Note:
3.
Thermal resistance (θ
JA) is measured with components mounted on a high effective thermal conductivity
test board in free air.


Similar Part No. - IR3846M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846MPBF IRF-IR3846MPBF Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3846MTRPBF INFINEON-IR3846MTRPBF Datasheet
2Mb / 55P
   DCDC Converter
Rev 3.5 Feb 05, 2016
More results

Similar Description - IR3846M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18230G-XX-S08-R UTC-LR18230G-XX-S08-R Datasheet
158Kb / 4P
   Good Line and Load Regulation
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
   Extremely Tight Line and Load Regulation
logo
Astec America, Inc
BK60C ASTEC-BK60C Datasheet
78Kb / 2P
   Regulation to zero load
ALQ20B48 ASTEC-ALQ20B48 Datasheet
145Kb / 2P
   Line regulation
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
   Regulation to zero load
logo
Analog Intergrations Co...
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
logo
STMicroelectronics
L7985 STMICROELECTRONICS-L7985 Datasheet
1Mb / 42P
   Voltage feed-forward
A5975AD STMICROELECTRONICS-A5975AD Datasheet
2Mb / 50P
   Voltage feed-forward
April 2011 Rev 1
A5975D STMICROELECTRONICS-A5975D Datasheet
1Mb / 50P
   Voltage feed-forward
April 2011Rev 1
logo
Texas Instruments
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com