Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX318ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX318ESA
Description  Precision, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX318ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX318ESA Datasheet HTML 4Page - Maxim Integrated Products MAX318ESA Datasheet HTML 5Page - Maxim Integrated Products MAX318ESA Datasheet HTML 6Page - Maxim Integrated Products MAX318ESA Datasheet HTML 7Page - Maxim Integrated Products MAX318ESA Datasheet HTML 8Page - Maxim Integrated Products MAX318ESA Datasheet HTML 9Page - Maxim Integrated Products MAX318ESA Datasheet HTML 10Page - Maxim Integrated Products MAX318ESA Datasheet HTML 11Page - Maxim Integrated Products MAX318ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Precision, CMOS Analog Switches
10
______________________________________________________________________________________
______________________Chip Topography
7
6
4
5
8
9
32
1
0.058"
1.47mm
0.076"
1.93mm
__Ordering Information (continued)
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
PART
TEMP. RANGE
PIN-PACKAGE
MAX318CPA
0°C to +70°C
8 Plastic DIP
MAX318CSA
0°C to +70°C
8 SO
MAX318CJA
0°C to +70°C
8 CERDIP
MAX318C/D
0°C to +70°C
Dice*
MAX318EPA
-40°C to +85°C
8 Plastic DIP
MAX318ESA
-40°C to +85°C
8 SO
MAX318 EJA
-40°C to +85°C
8 CERDIP
MAX318MJA
-55°C to +125°C
8 CERDIP**
MAX319CPA
0°C to +70°C
8 Plastic DIP
MAX319CSA
0°C to +70°C
8 SO
MAX319CJA
0°C to +70°C
8 CERDIP
MAX319C/D
0°C to +70°C
Dice*
MAX319EPA
-40°C to +85°C
8 Plastic DIP
MAX319ESA
-40°C to +85°C
8 SO
MAX319EJA
-40°C to +85°C
8 CERDIP
MAX319MJA
-55°C to +125°C
8 CERDIP**
DIE PAD
MAX317
MAX318
MAX319
1
COM
NC
NC
2
GND
GND
GND
3
V+
V+
V+
4
VL
VL
VL
5
IN
IN
IN
6
V-
V-
V-
7
N.C.
NO
NO
8
N.C.
COM
COM
9
NC
NC
COM
TRANSISTOR COUNT: 32;
SUBSTRATE CONNECTED TO V+.


Similar Part No. - MAX318ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3180 MAXIM-MAX3180 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
19-1444; Rev 1; 7/99
MAX3180 MAXIM-MAX3180 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180-MAX3183 MAXIM-MAX3180-MAX3183 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180E MAXIM-MAX3180E Datasheet
145Kb / 8P
   -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180EEUK-T MAXIM-MAX3180EEUK-T Datasheet
145Kb / 8P
   -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
More results

Similar Description - MAX318ESA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com