Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX318ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX318ESA
Description  Precision, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX318ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX318ESA Datasheet HTML 2Page - Maxim Integrated Products MAX318ESA Datasheet HTML 3Page - Maxim Integrated Products MAX318ESA Datasheet HTML 4Page - Maxim Integrated Products MAX318ESA Datasheet HTML 5Page - Maxim Integrated Products MAX318ESA Datasheet HTML 6Page - Maxim Integrated Products MAX318ESA Datasheet HTML 7Page - Maxim Integrated Products MAX318ESA Datasheet HTML 8Page - Maxim Integrated Products MAX318ESA Datasheet HTML 9Page - Maxim Integrated Products MAX318ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Precision, CMOS Analog Switches
6
_______________________________________________________________________________________
PIN
NAME
FUNCTION
MAX317
MAX318
MAX319
1
1
1
COM
Analog-switch common terminal
2
2
N.C.
No connect — not internally connected
8
NO
Analog-switch normally open terminal
3
3
3
GND
Logic ground
4
4
4
V+
Analog-signal positive supply input
5
5
5
VL
Logic-level positive supply input
6
6
6
IN
Logic-level input
7
7
7
V-
Analog-signal negative supply input
8
2
NC
Analog-switch normally closed terminal
8
NO
Analog-switch normally open terminal
_______________________________________________________________________Pin Description
__________Applications Information
Operation with Supply Voltages
Other Than ±15V
The main limitation of supply voltages other than ±15V
is analog signal range reduction. The MAX317/
MAX318/MAX319 switches operate with bipolar sup-
plies of ±5V to ±20V. Typical Operating Characteristics
graphs show typical on resistance for ±15V, ±10V, and
±5V supplies. Switching times increase by a factor of
two
or
more
for
operation
at
±5V.
The
MAX317/MAX318/MAX319 can operate from unipolar
supplies of +10V to +30V. Both parts can also operate
from unbalanced supplies such as +24V and -5V.
Connect V- to 0V when operating with a single supply.
This means that VL must be connected to +5V to be
TTL compatible, or to V+ for CMOS logic input levels.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. It is important not to exceed the
absolute maximum ratings because stresses beyond
the listed ratings may cause permanent damage to the
devices. Always sequence V+ on first, followed by VL,
V-, and logic inputs. If power-supply sequencing is not
possible, protect the devices from overvoltage by
adding two small signal diodes in series with the sup-
ply pins (Figure 1). Adding the diodes reduces the
analog signal range to 1V below V+ and 1V below V-,
but low switch resistance and low leakage characteris-
tics are unaffected. Device operation is unchanged,
and the difference between V+ to V- should not exceed
+44V.
V+
COM_
V-
NO_
Vg
V+
V-
Figure 1. Overvoltage Protection Using Blocking Diodes


Similar Part No. - MAX318ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3180 MAXIM-MAX3180 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
19-1444; Rev 1; 7/99
MAX3180 MAXIM-MAX3180 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180-MAX3183 MAXIM-MAX3180-MAX3183 Datasheet
136Kb / 6P
   3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180E MAXIM-MAX3180E Datasheet
145Kb / 8P
   -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
MAX3180EEUK-T MAXIM-MAX3180EEUK-T Datasheet
145Kb / 8P
   -15kV ESD-Protected, 0.5UA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5
Rev 1; 7/99
More results

Similar Description - MAX318ESA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com