Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3218 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3218
Description  1uA Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown™
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3218 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3218 Datasheet HTML 4Page - Maxim Integrated Products MAX3218 Datasheet HTML 5Page - Maxim Integrated Products MAX3218 Datasheet HTML 6Page - Maxim Integrated Products MAX3218 Datasheet HTML 7Page - Maxim Integrated Products MAX3218 Datasheet HTML 8Page - Maxim Integrated Products MAX3218 Datasheet HTML 9Page - Maxim Integrated Products MAX3218 Datasheet HTML 10Page - Maxim Integrated Products MAX3218 Datasheet HTML 11Page - Maxim Integrated Products MAX3218 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MAX3218 shuts down after sensing invalid RS-232 levels
for greater than 30µs, ensuring that the AutoShutdown
mode is not enabled for slow-moving signals (>1V/µs).
Another system with AutoShutdown may need a period
of time to wake up. Figure 5 shows a circuit that forces
the transmitters on for 100ms after start-up, allowing
enough time for the other system to realize that the
MAX3218 system is awake. If the other system outputs
valid RS-232 signals within that time, the RS-232 ports on
both systems remain enabled.
__________Applications Information
Operation from Regulated/Unregulated
Dual System Power Supplies
The MAX3218 is intended for use with three different
power-supply sources: it can be powered directly from
a battery, from a 3.0V or 3.3V power supply, or simulta-
neously from both. Figure 1 shows the single-supply
configuration. Figure 6 shows the circuit for operation
from both a 3V supply and a raw battery supply—an
ideal configuration where a regulated 3V supply is
being derived from two cells. In this application, the
MAX3218’s logic levels remain appropriate for interface
with 3V logic, yet most of the power for the MAX3218 is
drawn directly from the battery, without suffering the
efficiency losses of the DC-DC converter. This pro-
longs battery life.
Bypass the input supplies with 0.1µF at VCC (C4) and at
least 1µF at the inductor (C5). Increase C5 to 4.7µF if
the power supply has no other bypass capacitor con-
nected to it.
Low-Power Operation
The following suggestions will help you get maximum
life out of your batteries.
Transmit at the highest practical data rate. Although
this raises the supply current while transmission is in
progress, the transmission will be over sooner. If the
MAX3218 is shut down (using FORCEOFF) as soon as
each transmission ends, this practice will save energy.
Operate your whole system from the raw battery volt-
age rather than suffer the losses of a regulator or DC-
DC converter. If this is not possible, but your system is
powered from two cells and employs a 3V DC-DC con-
verter to generate the main logic supply, use the circuit
of Figure 6. This circuit draws most of the MAX3218’s
power straight from the battery, but still provides logic-
level compatibility with the 3V logic.
1µA Supply Current, 1.8V to 4.25V-Powered
RS-232 Transceiver with AutoShutdown™
8
_______________________________________________________________________________________
INVALID IS AN INTERNALLY GENERATED SIGNAL
THAT IS USED BY THE AUTOSHUTDOWN LOGIC
AND APPEARS AS AN OUTPUT OF THE DEVICE.
POWER DOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
FORCEOFF
0
0
0
0
1
1
1
1
FORCEON
0
0
1
1
0
0
1
1
INVALID
0
1
0
1
0
1
0
1
POWER DOWN
0
0
0
0
0
1
1
1
POWER DOWN
FORCEOFF
FORCEON
INVALID
+
-
+
-
Rx
R_IN
FORCEON
FORCEOFF
R_OUT
30µs
DELAY
+0.3V to +2.8V
-0.3V to -2.8V
Figure 3. AutoShutdown Logic


Similar Part No. - MAX3218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3218 MAXIM-MAX3218 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX3218CAP++ MAXIM-MAX3218CAP+ Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX3218CPP++ MAXIM-MAX3218CPP+ Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX3218EAP++ MAXIM-MAX3218EAP+ Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX3218 MAXIM-MAX3218_V01 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
More results

Similar Description - MAX3218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3218 MAXIM-MAX3218_V01 Datasheet
817Kb / 13P
   1關A Supply Current, 1.8V to 4.25V-Powered RS-232 Transceiver with AutoShutdown
19-0380; Rev 2; 5/18
MAX218 MAXIM-MAX218 Datasheet
92Kb / 8P
   1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
19-0246; Rev 1; 7/95
MAX221 MAXIM-MAX221 Datasheet
110Kb / 8P
   5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
   ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com