Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3221 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3221
Description  1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3221 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3221 Datasheet HTML 3Page - Maxim Integrated Products MAX3221 Datasheet HTML 4Page - Maxim Integrated Products MAX3221 Datasheet HTML 5Page - Maxim Integrated Products MAX3221 Datasheet HTML 6Page - Maxim Integrated Products MAX3221 Datasheet HTML 7Page - Maxim Integrated Products MAX3221 Datasheet HTML 8Page - Maxim Integrated Products MAX3221 Datasheet HTML 9Page - Maxim Integrated Products MAX3221 Datasheet HTML 10Page - Maxim Integrated Products MAX3221 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown
_______________________________________________________________________________________
7
AutoShutdown
A 1µA supply current is achieved with Maxim’s new
AutoShutdown feature, which operates when
FORCEON is low and FORCEOFF is high. When the
MAX3221/MAX3223/MAX3243 sense no valid signal
levels on all receiver inputs for 30µs, the on-board
power supply and drivers are shut off, reducing supply
current to 1µA. This occurs if the RS-232 cable is dis-
connected or the connected peripheral transmitters are
turned off. The system turns on again when a valid level
is applied to any RS-232 receiver input. As a result, the
system saves power without changes to the existing
BIOS or operating system. When using AutoShutdown,
the INVALID output is high when the device is on and
low when the device is shut down. Because INVALID
indicates the receiver inputs’ condition, it can be used
in any mode (Figure 3).
Table 2 and Figure 3c summarize the MAX3221/
MAX3223/MAX3243 operating modes. FORCEON and
FORCEOFF override the automatic circuitry and force
the transceiver into its normal operating state or into its
low-power standby state. When neither control is assert-
ed, the IC selects between these states automatically
based on receiver input levels. Figures 3a, 3b, and 5a
depict valid and invalid RS-232 receiver levels.
A mouse or other system with AutoShutdown may need
time to wake up. Figure 4 shows a circuit that forces the
transmitters on for 100ms, allowing enough time for the
Table 1a. MAX3221/MAX3223 F
FO
OR
RC
CE
EO
OF
FF
F and
Enable Control Truth Table
Table 1b. MAX3243 F
FO
OR
RC
CE
EO
OF
FF
F Control
Truth Table
Active*
1
1
Active*
0
1
F
FO
OR
RC
CE
EO
OF
FF
F
High-Z
1
0
High-Z
0
0
T_OUT
E
EN
N
High-Z
Active
High-Z
Active
R_OUT
+0.3V
-0.3V
INVALID
TO MAX32_ _
POWER SUPPLY
AND TRANSMITTERS
R_IN
* TRANSMITTERS ARE DISABLED, REDUCING SUPPLY CURRENT TO 1
µA IF
ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR AT LEAST 30
µs.
30µs
COUNTER
R
Active*
1
High-Z
0
T_OUT
F
FO
OR
RC
CE
EO
OF
FF
F
Active*
High-Z
R_OUT
Active
Active
R2OUTB
Figure 3a. MAX32_ _ Entering 1µA Supply Mode via
AutoShutdown
*Note: If the part is in AutoShutdown mode (FORCEOFF = VCC,
FORCEON = GND), it is shut down if no valid RS-232
levels are present on all receiver inputs.
FORCEON
MASTER SHDN LINE
0.1µF
1M
FORCEOFF
MAX3221
MAX3223
MAX3243
POWER
MANAGEMENT
UNIT
Figure 4. AutoShutdown with Initial Turn-On to Wake Up a
Mouse or Another System
+2.7V
-2.7V
INVALID
TO MAX32_ _
POWER SUPPLY
R_IN
* TRANSMITTERS ARE ENABLED IF:
ANY RECEIVER INPUT IS GREATER THAN +2.7V OR LESS THAN -2.7V.
ANY RECEIVER INPUT HAS BEEN BETWEEN +0.3V AND -0.3V FOR LESS THAN 30
µs.
30µs
COUNTER
R
Figure 3b. MAX32_ _ with Transmitters Enabled Using
AutoShutdown
FORCEOFF
POWER DOWN
INVALID
FORCEON
INVALID IS AN INTERNALLY GENERATED SIGNAL
THAT IS USED BY THE AUTOSHUTDOWN LOGIC
AND APPEARS AS AN OUTPUT OF THE DEVICE.
POWER DOWN IS ONLY AN INTERNAL SIGNAL.
IT CONTROLS THE OPERATIONAL STATUS OF
THE TRANSMITTERS AND THE POWER SUPPLIES.
Figure 3c. AutoShutdown Logic


Similar Part No. - MAX3221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
392Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
logo
Texas Instruments
MAX3221 TI-MAX3221 Datasheet
1Mb / 27P
[Old version datasheet]   MAX3221 3-V to 5.5-V RS-232 Line Driver and Receiver With ±15-kV ESD Protection
REVISED JULY 2021
More results

Similar Description - MAX3221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com