Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX319CPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX319CPA
Description  Precision, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX319CPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX319CPA Datasheet HTML 3Page - Maxim Integrated Products MAX319CPA Datasheet HTML 4Page - Maxim Integrated Products MAX319CPA Datasheet HTML 5Page - Maxim Integrated Products MAX319CPA Datasheet HTML 6Page - Maxim Integrated Products MAX319CPA Datasheet HTML 7Page - Maxim Integrated Products MAX319CPA Datasheet HTML 8Page - Maxim Integrated Products MAX319CPA Datasheet HTML 9Page - Maxim Integrated Products MAX319CPA Datasheet HTML 10Page - Maxim Integrated Products MAX319CPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Precision, CMOS Analog Switches
_______________________________________________________________________________________
7
_____________________________________________________Test Circuits/Timing Diagrams
tR < 20ns
tF < 20ns
50%
0V
LOGIC
INPUT
V-
-15V
RL
300
NC
OR NO
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VO = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN
+3V
tOFF
0V
COM
SWITCH
OUTPUT
0.9V0
0.9V0
VCOM
tON
VO
SWITCH
OUTPUT
SWITCH
INPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
VL
V+
CL
35pF
+5V
+15V
VO
MAX317
MAX318
tR < 20ns
tF < 20ns
50%
0V
VCOM
LOGIC
INPUT
V-
-15V
RL
1000
COM
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
LOGIC
INPUT
NC
IN
tTRANS
+3V
tTRANS
V01
VCOM
V+
NO
VO
0.8V01
V02
0.8V02
SWITCH
OUTPUT
VL
MAX319
+15V
+5V
CL
35pF
Figure 2. MAX317/MAX318 Switching-Time Test Circuit
Figure 3. MAX319 Transition Time


Similar Part No. - MAX319CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3190 MAXIM-MAX3190 Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190-MAX3190E MAXIM-MAX3190-MAX3190E Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190E MAXIM-MAX3190E Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190EEUT-T MAXIM-MAX3190EEUT-T Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190EUT-T MAXIM-MAX3190EUT-T Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
More results

Similar Description - MAX319CPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com