Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3088CSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3088CSA
Description  Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3088CSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3088CSA Datasheet HTML 1Page - Maxim Integrated Products MAX3088CSA Datasheet HTML 2Page - Maxim Integrated Products MAX3088CSA Datasheet HTML 3Page - Maxim Integrated Products MAX3088CSA Datasheet HTML 4Page - Maxim Integrated Products MAX3088CSA Datasheet HTML 5Page - Maxim Integrated Products MAX3088CSA Datasheet HTML 6Page - Maxim Integrated Products MAX3088CSA Datasheet HTML 7Page - Maxim Integrated Products MAX3088CSA Datasheet HTML 8Page - Maxim Integrated Products MAX3088CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Selection Table
*Pin-compatible with 75180, with additional features implemented using pins 1, 6, 8, and 13.
Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
________________________________________________________________
Maxim Integrated Products
1
19-1138; Rev 1; 12/97
14 SO
-40°C to +85°C
MAX3080ESD
14 Plastic DIP
14 SO
14 Plastic DIP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
0°C to +70°C
-40°C to +85°C
MAX3080EPD
MAX3080CSD
MAX3080CPD
PART
256
256
256
256
256
256
256
256
256
256
Transceivers
On
Bus
75180*
14
375
Yes
Yes
Selectable
Selectable
Selectable
MAX3089
75176
8
375
Yes
Yes
No
10
Half
MAX3088
75179
8
375
No
No
No
10
Full
MAX3087
75180
14
375
Yes
Yes
No
10
Full
MAX3086
75176
8
375
Yes
Yes
Yes
0.5
Half
MAX3085
75179
8
375
No
No
Yes
0.5
Full
MAX3084
75180
14
375
Yes
Yes
Yes
0.5
Full
MAX3083
75176
8
375
Yes
Yes
Yes
0.115
Half
MAX3082
75179
8
375
No
No
Yes
0.115
Full
MAX3081
75180
14
375
Yes
Yes
Yes
0.115
Full
MAX3080
Industry-
Standard
Pinout
Pin
Count
Quiescent
Current
(µA)
Receiver/
Driver
Enable
Low-
Power
Shutdown
Slew
Rate
Limited
Data
Rate
(Mbps)
Half/Full
Duplex
Part
Ordering Information continued on last page.
Ordering Information
General Description
The MAX3080–MAX3089 high-speed transceivers for
RS-485/RS-422 communication contain one driver and
one receiver. These devices feature fail-safe circuitry,
which guarantees a logic-high receiver output when the
receiver inputs are open or shorted. This means that
the receiver output will be a logic high if all transmitters
on a terminated bus are disabled (high impedance).
The MAX3080/MAX3081/MAX3082 feature reduced
slew-rate drivers that minimize EMI and reduce reflec-
tions caused by improperly terminated cables, allowing
error-free data transmission up to 115kbps. The
MAX3083/MAX3084/MAX3085 offer higher driver out-
put slew-rate limits, allowing transmit speeds up to
500kbps. The MAX3086/MAX3087/MAX3088’s driver
slew rates are not limited, making transmit speeds up
to 10Mbps possible. The MAX3089’s slew rate is
selectable between 115kbps, 500kbps, and 10Mbps
by driving a selector pin with a single three-state
driver.
These transceivers typically draw 375µA of supply
current when unloaded, or when fully loaded with the
drivers disabled.
All devices have a 1/8-unit-load receiver input imped-
ance that allows up to 256 transceivers on the bus. The
MAX3082/MAX3085/MAX3088 are intended for half-
duplex communications, while the MAX3080/MAX3081/
MAX3083/MAX3084/MAX3086/MAX3087 are intended
for full-duplex communications. The MAX3089 is selec-
table between half-duplex and full-duplex operation. It
also features independently programmable receiver
and transmitter output phase via separate pins.
Features
o True Fail-Safe Receiver While Maintaining
EIA/TIA-485 Compatibility
o Enhanced Slew-Rate Limiting Facilitates
Error-Free Data Transmission
(MAX3080–MAX3085/MAX3089)
o 1nA Low-Current Shutdown Mode (except
MAX3081/MAX3084/MAX3087)
o Pin-Selectable Full/Half-Duplex Operation
(MAX3089)
o Phase Controls to Correct for Twisted-Pair
Reversal (MAX3089)
o Allow Up to 256 Transceivers on the Bus
Applications
RS-422/RS-485 Communications
Level Translators
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX3088CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3088CSA MAXIM-MAX3088CSA Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results

Similar Description - MAX3088CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
   ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com