Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX320CUA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX320CUA
Description  Precision, Dual-Supply, SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX320CUA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX320CUA Datasheet HTML 1Page - Maxim Integrated Products MAX320CUA Datasheet HTML 2Page - Maxim Integrated Products MAX320CUA Datasheet HTML 3Page - Maxim Integrated Products MAX320CUA Datasheet HTML 4Page - Maxim Integrated Products MAX320CUA Datasheet HTML 5Page - Maxim Integrated Products MAX320CUA Datasheet HTML 6Page - Maxim Integrated Products MAX320CUA Datasheet HTML 7Page - Maxim Integrated Products MAX320CUA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Precision, Dual-Supply, SPST
Analog Switches
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)
0.0001
-55
65
85
OFF LEAKAGE CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
-15
525
45
-35
105 125
0.1
0.001
1
0.01
100
V+ = +5.5V, V- = -5.5V
VCOM = ±4.5V
VNC or VNO = 4.5V
0
-8
-6
0
2
ON-RESISTANCE vs. VOLTAGE AT COM PIN
30
VCOM (V)
-4
-2
46
8
20
5
25
10
15
V± = ±3V
V± = ±5V
V± = ±8V
0
-5
-3
-4
-2
3
4
ON-RESISTANCE vs. VOLTAGE AT COM PIN
(OVER TEMPERATURE)
30
VCOM (V)
-1
0
1
2
5
20
5
25
15
10
A: TA = +125°C
B: TA = +85°C
C: TA = +25°C
D: TA = -55°C
D
C
B
A
0
-5
-1
ON-RESISTANCE MATCH vs. VOLTAGE
AT COM PIN (OVER TEMPERATURE)
VCOM (V)
13
0.30
0.35
0.10
0.05
0.40
0.45
0.20
0.25
0.15
0.50
5
-3
A: TA = -55°C
B: TA = +25°C
C: TA = +85°C
D: TA = +125°C
C
A
B
D
0.0001
-55
65
85
ON LEAKAGE CURRENT vs. TEMPERATURE
10
TEMPERATURE (°C)
-15
5
25
45
-35
105 125
0.1
0.001
1
0.01
100
V+ = +5.5V, V- = -5.5V
VCOM = ±4.5V, VNC or VNO = ±4.5V
0
-55
65
85
SUPPLY CURRENT vs. TEMPERATURE
100
120
TEMPERATURE (°C)
25
45
-35 -15
5
105 125
80
20
40
60
140
-20
-5
CHARGE INJECTION vs.
VOLTAGE AT COM PIN
15
VCOM (V)
-1
0
5
0
-15
10
5
-10
-5
20
-4
-3
-2
1
2
3
4


Similar Part No. - MAX320CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32000 MAXIM-MAX32000 Datasheet
3Mb / 24P
   High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32000EVKIT MAXIM-MAX32000EVKIT Datasheet
3Mb / 24P
   High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32010 MAXIM-MAX32010 Datasheet
2Mb / 31P
   25V Span, 1.2A Device Power Supply (DPS)
Rev 0; 11/20
MAX32010 MAXIM-MAX32010 Datasheet
1Mb / 26P
   Easy Evaluation of the MAX32010 EV kit
Rev 0; 11/20
MAX32010CCQ MAXIM-MAX32010CCQ Datasheet
2Mb / 31P
   25V Span, 1.2A Device Power Supply (DPS)
Rev 0; 11/20
More results

Similar Description - MAX320CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
   Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com