Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX319EPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX319EPA
Description  Precision, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX319EPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX319EPA Datasheet HTML 1Page - Maxim Integrated Products MAX319EPA Datasheet HTML 2Page - Maxim Integrated Products MAX319EPA Datasheet HTML 3Page - Maxim Integrated Products MAX319EPA Datasheet HTML 4Page - Maxim Integrated Products MAX319EPA Datasheet HTML 5Page - Maxim Integrated Products MAX319EPA Datasheet HTML 6Page - Maxim Integrated Products MAX319EPA Datasheet HTML 7Page - Maxim Integrated Products MAX319EPA Datasheet HTML 8Page - Maxim Integrated Products MAX319EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX317/MAX318/MAX319 are precision, CMOS,
monolithic analog switches. The single-pole single-
throw (SPST) MAX317 is normally closed (NC), the
SPST MAX318 is normally open (NO), and the single-
pole double-throw (SPDT) MAX319 has one normally
open and one normally closed switch. All three parts
offer low on resistance (less than 35
Ω), guaranteed to
match within 2
Ω between channels and to remain flat
over the analog signal range (
∆3Ω max). They also
offer low leakage (less than 250pA at +25°C and less
than 6nA at +85°C) and fast switching (turn-on time
less than 175ns and turn-off time less than 145ns).
The MAX317/MAX318/MAX319 are fabricated with
Maxim’s new improved silicon-gate process. Design
improvements guarantee extremely low charge injec-
tion (10pC), low power consumption (35µW), and elec-
trostatic discharge (ESD) greater than ±2000V. The
44V maximum breakdown voltage allows rail-to-rail ana-
log signal handling capability.
________________________Applications
Sample-and-Hold Circuits
Guidance and Control Systems
Heads-Up Displays
Test Equipment
Military Radios
Communications Systems
Battery-Powered Systems
PBX, PABX
____________________________Features
o Low On Resistance <20
Ω Typical (35Ω Max)
o Guaranteed Matched On Resistance Between
Channels <2
o Guaranteed Flat On Resistance over Analog
Signal Range
∆3Ω Max
o Guaranteed Charge Injection <10pC
o Guaranteed Off-Channel Leakage <6nA at +85°C
o ESD Guaranteed > 2000V per Method 3015.7
o Single-Supply Operation (+10V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
o TTL-/CMOS-Logic Compatible
o Rail-to-Rail Analog Signal Handling Capability
______________Ordering Information
Precision, CMOS Analog Switches
_______________________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
19-0185; Rev 1; 11/94
Ordering Information continued on last page.
* Contact factory for dice specifications.
_____________________Pin Configurations/Functional Diagrams/Truth Tables
TOP VIEW
1
2
3
4
8
7
6
5
NO
V-
IN
VL
V+
GND
N.C.
COM
MAX318
DIP/SO
1
2
3
4
8
7
6
5
NC
V-
IN
VL
V+
GND
N.C.
COM
MAX317
DIP/SO
1
2
3
4
8
7
6
5
NO
V-
IN
VL
V+
GND
NC
COM
MAX319
DIP/SO
LOGIC
SWITCH
0
1
ON
OFF
SWITCHES SHOWN FOR LOGIC "0" INPUT
LOGIC
SWITCH
0
1
OFF
ON
LOGIC
NC
0
1
ON
OFF
NO
OFF
ON
MAX317
MAX318
MAX319
N.C. = No Connect
NC = Normally Closed
PART
TEMP. RANGE
PIN-PACKAGE
MAX317CPA
0°C to +70°C
8 Plastic DIP
MAX317CSA
0°C to +70°C
8 SO
MAX317CJA
0°C to +70°C
8 CERDIP
MAX317C/D
0°C to +70°C
Dice*
MAX317EPA
-40°C to +85°C
8 Plastic DIP
MAX317ESA
-40°C to +85°C
8 SO
MAX317EJA
-40°C to +85°C
8 CERDIP
MAX317MJA
-55°C to +125°C
8 CERDIP


Similar Part No. - MAX319EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3190 MAXIM-MAX3190 Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190-MAX3190E MAXIM-MAX3190-MAX3190E Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190E MAXIM-MAX3190E Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190EEUT-T MAXIM-MAX3190EEUT-T Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
MAX3190EUT-T MAXIM-MAX3190EUT-T Datasheet
154Kb / 8P
   ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
Rev 1; 3/03
More results

Similar Description - MAX319EPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com