Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC_HCT2G66 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC_HCT2G66
Description  Dual single-pole single-throw analog switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT2G66 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC_HCT2G66_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT2G66_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT2G66_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT2G66_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT2G66_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT2G66_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT2G66_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT2G66_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT2G66_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
74HC_HCT2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 10 — 3 October 2013
6 of 23
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
[1]
Typical values are measured at Tamb = 25 C.
10.1 Test circuits
CI
input capacitance
-
3.5
-
-
-
pF
CPD
power dissipation
capacitance
-9-
-
-
pF
CS(ON)
ON-state capacitance
-
8
-
-
-
pF
74HCT2G66
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
II
input leakage current
nE; VI =VCC or GND; VCC =5.5 V
-
-
1.0
-
1.0
A
IS(OFF)
OFF-state
leakage current
nY or nZ; VCC = 5.5 V; see Figure 6
-
0.1
1.0
-
1.0
A
IS(ON)
ON-state
leakage current
nY or nZ; VCC = 5.5 V; see Figure 7
-
0.1
1.0
-
1.0
A
ICC
supply current
nE, nY and nZ = VCC or GND;
VCC = 4.5 V to 5.5 V
--
10
-
20
A
I
CC
additional supply
current
nE = VCC  2.1 V; IO =0 A;
VCC = 4.5 V to 5.5 V;
-
-
375
-
410
A
CI
input capacitance
-
3.5
-
-
-
pF
CPD
power dissipation
capacitance
-9-
-
-
pF
CS(ON)
ON-state capacitance
-
8
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VI = VCC or GND and VO = GND or VCC.VI = VCC or GND and VO = open circuit.
Fig 6.
Test circuit for measuring OFF-state
leakage current
Fig 7.
Test circuit for measuring ON-state
leakage current
001aaj465
IS
IS
VI
VIL
VO
VCC
GND
nZ
nY
nE
001aaj466
IS
VI
VIH
VO
VCC
GND
nZ
nY
nE


Similar Part No. - 74HC_HCT2G66_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT2G125 PHILIPS-74HC_HCT2G125_15 Datasheet
155Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 5-17 March 2014
74HC_HCT2G14 PHILIPS-74HC_HCT2G14_15 Datasheet
141Kb / 21P
   Dual inverting Schmitt trigger
Rev. 2-14 March 2014
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC_HCT2G34 PHILIPS-74HC_HCT2G34_15 Datasheet
86Kb / 14P
   Dual buffer gate
Rev. 01-6 October 2006
More results

Similar Description - 74HC_HCT2G66_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66 NXP-74HC2G66 Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com