Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3225CPP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3225CPP
Description  1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3225CPP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3225CPP Datasheet HTML 3Page - Maxim Integrated Products MAX3225CPP Datasheet HTML 4Page - Maxim Integrated Products MAX3225CPP Datasheet HTML 5Page - Maxim Integrated Products MAX3225CPP Datasheet HTML 6Page - Maxim Integrated Products MAX3225CPP Datasheet HTML 7Page - Maxim Integrated Products MAX3225CPP Datasheet HTML 8Page - Maxim Integrated Products MAX3225CPP Datasheet HTML 9Page - Maxim Integrated Products MAX3225CPP Datasheet HTML 10Page - Maxim Integrated Products MAX3225CPP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3224–MAX3227/MAX3244/MAX3245’s internal
power supply consists of a regulated dual charge
pump that provides output voltages of +5.5V (doubling
charge pump) and -5.5V (inverting charge pump), over
the +3.0V to +5.5V range. The charge pump operates
in discontinuous mode: if the output voltages are less
than 5.5V, the charge pump is enabled; if the output
voltages exceed 5.5V, the charge-pump is disabled.
Each charge pump requires a flying capacitor (C1, C2)
and a reservoir capacitor (C3, C4) to generate the V+
and V- supplies.
The READY output (MAX3224–MAX3227) is low when
the charge pumps are disabled in shutdown mode. The
READY signal asserts high when V- goes below -4V.
RS-232 Transmitters
The transmitters are inverting level translators that
convert CMOS-logic levels to 5.0V EIA/TIA-232 levels.
The MAX3224/MAX3226/MAX3244 guarantee a
250kbps data rate (1Mbps for the MAX3225/MAX3227/
MAX3245) with worst-case loads of 3k
Ω in parallel with
1000pF, providing compatibility with PC-to-PC com-
munication software (such as LapLink™). Transmitters
can be paralleled to drive multiple receivers. Figure 1
shows a complete system connection.
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
_______________________________________________________________________________________
7
PIN
NAME
MAX3224
MAX3225
MAX3226
MAX3227
MAX3244
MAX3245
1
1
READY
2
2
28
C1+
Positive Terminal of Voltage-Doubler Charge-Pump Capacitor
3
3
27
V+
+5.5V generated by the charge pump
4
4
24
C1-
Negative Terminal of Voltage-Doubler Charge-Pump Capacitor
5
5
1
C2+
Positive Terminal of Inverting Charge-Pump Capacitor
6
6
2
C2-
Negative Terminal of Inverting Charge-Pump Capacitor
7
7
3
V-
-5.5V generated by the charge pump
8, 17
13
9–11
T_OUT
RS-232 Transmitter Outputs
9, 16
8
4–8
R_IN
RS-232 Receiver Inputs
10, 15
9
15–19
R_OUT
TTL/CMOS Receiver Outputs
11
10
21
INVALID
Valid Signal Detector Output, active low. A logic high indicates that a valid
RS-232 level is present on a receiver input.
12, 13
11
12–14
T_IN
TTL/CMOS Transmitter Inputs
14
12
23
FORCEON
Force-On Input, active high. Drive high to override AutoShutdown Plus,
keeping transmitters and receivers on (FORCEOFF must be high) (Table 1).
18
14
25
GND
Ground
19
15
26
VCC
+3.0V to +5.5V Single Supply Voltage
20
16
22
FORCEOFF
Force-Off Input, active low. Drive low to shut down transmitters, receivers
(except R2OUTB), and charge pump. This overrides AutoShutdown Plus
and FORCEON (Table 1).
20
R2OUTB
TTL/CMOS Noninverting Complementary Receiver Outputs. Always active.
Ready to Transmit Output, active high. READY is enabled high when
V- goes below -4V and the device is ready to transmit.
FUNCTION
Pin Description
LapLink is a trademark of Traveling Software.


Similar Part No. - MAX3225CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3225CPP MAXIM-MAX3225CPP Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3225CPP MAXIM-MAX3225CPP Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
More results

Similar Description - MAX3225CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
   15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com