Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3229 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3229
Description  2.5V to 5.5V RS-232 Transceivers in UCSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3229 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3229 Datasheet HTML 6Page - Maxim Integrated Products MAX3229 Datasheet HTML 7Page - Maxim Integrated Products MAX3229 Datasheet HTML 8Page - Maxim Integrated Products MAX3229 Datasheet HTML 9Page - Maxim Integrated Products MAX3229 Datasheet HTML 10Page - Maxim Integrated Products MAX3229 Datasheet HTML 11Page - Maxim Integrated Products MAX3229 Datasheet HTML 12Page - Maxim Integrated Products MAX3229 Datasheet HTML 13Page - Maxim Integrated Products MAX3229 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UCSP Reliability
The UCSP represents a unique packaging form factor
that may not perform equally to a packaged product
through traditional mechanical reliability tests. CSP relia-
bility is integrally linked to the user’s assembly methods,
circuit board material, and usage environment. The user
should closely review these areas when considering use
of a CSP package. Performance through Operating Life
Test and Moisture Resistance remains uncompromised
as it is primarily determined by the wafer-fabrication
process.
Mechanical stress performance is a greater considera-
tion for a CSP package. CSPs are attached through
direct solder contact to the user’s PC board, foregoing
the inherent stress relief of a packaged product lead
frame. Solder joint contact integrity must be consid-
ered. Table 5 shows the testing done to characterize
the CSP reliability performance. In conclusion, the
UCSP is capable of performing reliably through envi-
ronmental stresses as indicated by the results in the
table. Additional usage data and recommendations are
detailed in the UCSP application note, which can be
found on Maxim’s website at www.maxim-ic.com.
Chip Information
TRANSISTOR COUNT: 698
PROCESS TECHNOLOGY: CMOS
+2.5V to +5.5V RS-232 Transceivers
in UCSP
______________________________________________________________________________________
11
VL
MAX3229
5k
R1IN
R1OUT
TTL/CMOS
C2-
C2+
C1-
C1+
A1
A5
C1
D1
A2
A3
A6
C6
B1
A4
E3
E5
E2
20
µA
20
µA
E1
C5
B5
V-
V+
VCC
2.5V TO 5.5V
C4
0.1
µF
C3
0.1
µF
C1
0.1
µF
CBYPASS
C2
0.1
µF
0.1
µF
0.1
µF
FORCEOFF
FORCEON
INVALID
T1OUT
T1IN
GND
VL
TO POWER-
MANAGEMENT
UNIT
RS-232
VL
VL
VL
1.65V TO 5.5V
VL
Typical Operating Circuits
(continued)
TEST
CONDITIONS
DURATION
NO. OF FAILURES PER
SAMPLE SIZE
Temperature Cycle
-35
°C to +85°C,
-40
°C to +100°C
150 cycles,
900 cycles
0/10,
0/200
Operating Life
TA = +70
°C
240hr
0/10
Moisture Resistance
+20
°C to +60°C, 90% RH
240hr
0/10
Low-Temperature Storage
-20
°C
240hr
0/10
Low-Temperature Operational
-10
°C
24hr
0/10
Solderability
8hr steam age
0/15
ESD
±2000V, Human Body Model
0/5
High-Temperature Operating
Life
TJ = +150°C
168hr
0/45
Table 5. Reliability Test Data


Similar Part No. - MAX3229

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3229AE MAXIM-MAX3229AE Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3229AEEWV+T MAXIM-MAX3229AEEWV+T Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3229E MAXIM-MAX3229E Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3229EEBV MAXIM-MAX3229EEBV Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
MAX3229EEBV-T MAXIM-MAX3229EEBV-T Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
More results

Similar Description - MAX3229

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3281EB SIPEX-SP3281EB Datasheet
128Kb / 15P
   Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com