Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3229 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3229
Description  2.5V to 5.5V RS-232 Transceivers in UCSP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3229 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3229 Datasheet HTML 1Page - Maxim Integrated Products MAX3229 Datasheet HTML 2Page - Maxim Integrated Products MAX3229 Datasheet HTML 3Page - Maxim Integrated Products MAX3229 Datasheet HTML 4Page - Maxim Integrated Products MAX3229 Datasheet HTML 5Page - Maxim Integrated Products MAX3229 Datasheet HTML 6Page - Maxim Integrated Products MAX3229 Datasheet HTML 7Page - Maxim Integrated Products MAX3229 Datasheet HTML 8Page - Maxim Integrated Products MAX3229 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
+2.5V to +5.5V RS-232 Transceivers
in UCSP
4
_______________________________________________________________________________________
Note 3: VCC must be greater than VL.
TIMING CHARACTERISTICS
(VCC = +2.5V to +5.5V, VL = +1.65V to +5.5V, C1–C4 = 0.1µF, tested at +3.3V ±10%, TA = TMIN to TMAX. Typical values are at TA =
+25°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
RL = 3k
Ω, CL = 1000pF, one transmitter
switching
250
kbps
Receiver Propagation Delay
Receiver input to receiver output,
CL = 150pF
0.15
µs
Receiver Output Enable-Time
VCC = VL= +5V
200
ns
Receiver Output Disable-Time
VCC = VL= +5V
200
ns
Transmitter Skew
| tPHL - tPLH |
100
ns
Receiver Skew
| tPHL - tPLH |50
ns
Transition Region Slew Rate
RL = 3k
Ω to 7kΩ, CL = 150pF to
1000pF, TA = +25
°C
6
30
V/µs
Typical Operating Characteristics
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
-6
-2
-4
2
0
4
6
0
1500
2000
500
1000
2500
3000
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
VOH
VOL
VCC RISING
0
10
5
20
15
25
30
0
2500
3000
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
1000
500
1500
2000
VCC = 5.5V
VCC = 2.5V
0
6
4
2
8
10
12
14
16
18
20
0
1000
500
1500
2000
2500
3000
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE (MAX3229)
LOAD CAPACITANCE (pF)
250kbps
20kbps


Similar Part No. - MAX3229

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3229AE MAXIM-MAX3229AE Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3229AEEWV+T MAXIM-MAX3229AEEWV+T Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3229E MAXIM-MAX3229E Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3229EEBV MAXIM-MAX3229EEBV Datasheet
251Kb / 15P
   짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
MAX3229EEBV-T MAXIM-MAX3229EEBV-T Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
More results

Similar Description - MAX3229

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
   15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
   짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
MAX3228E MAXIM-MAX3228E_08 Datasheet
182Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 2; 10/08
MAX3230E MAXIM-MAX3230E_08 Datasheet
170Kb / 16P
   ±15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP and WLP
Rev 1; 10/08
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3281EB SIPEX-SP3281EB Datasheet
128Kb / 15P
   Intelligent 2.35V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com