Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3233ECWP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3233ECWP
Description  짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3233ECWP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3233ECWP Datasheet HTML 2Page - Maxim Integrated Products MAX3233ECWP Datasheet HTML 3Page - Maxim Integrated Products MAX3233ECWP Datasheet HTML 4Page - Maxim Integrated Products MAX3233ECWP Datasheet HTML 5Page - Maxim Integrated Products MAX3233ECWP Datasheet HTML 6Page - Maxim Integrated Products MAX3233ECWP Datasheet HTML 7Page - Maxim Integrated Products MAX3233ECWP Datasheet HTML 8Page - Maxim Integrated Products MAX3233ECWP Datasheet HTML 9Page - Maxim Integrated Products MAX3233ECWP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3233E/MAX3235E’s internal power supply
consists of a regulated dual charge pump that provides
output voltages of +5.5V (doubling charge pump) and
-5.5V (inverting charge pump), with no external capaci-
tors. The charge pump operates in discontinuous
mode: if the output voltages are less than 5.5V, the
charge pump is enabled; if the output voltages exceed
5.5V, the charge pump is disabled.
RS-232 Transmitters
The transmitters are inverting level translators that
convert CMOS-logic levels to 5.0V EIA/TIA-232 levels.
The devices guarantee a 250kbps data rate with worst-
case loads of 3k
Ω in parallel with 1000pF, providing
compatibility with PC-to-PC communication software
(such as LapLink™). Transmitters can be paralleled to
drive multiple receivers. Figure 1 shows a complete
system connection.
When FORCEOFF is driven to ground or when the Auto-
Shutdown Plus circuitry senses that all receiver and
transmitter inputs are inactive for more than 30sec, the
transmitters are disabled and the outputs go into a high-
impedance state. When powered off or shut down, the
outputs can be driven to ±12V. The transmitter inputs
do not have pull-up resistors. Connect unused inputs to
GND or VCC.
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic
output levels. They feature inverting outputs that always
remain active (Table 1).
The MAX3233E/MAX3235E feature an INVALID output
that is enabled low when no valid RS-232 voltage levels
have been detected on all receiver inputs. Because
INVALID indicates the receiver input’s condition, it is
independent of FORCEON and FORCEOFF states
(Figures 2 and 3).
AutoShutdown Plus Mode
The devices achieve a 1µA supply current with Maxim’s
AutoShutdown Plus feature, which operates when
FORCEOFF is high and a FORCEON is low. When these
devices do not sense a valid signal transition on any
receiver or transmitter input for 30sec, the on-board
charge pumps are shut down, reducing supply current
to 1µA. This occurs if the RS-232 cable is disconnected,
or if the connected peripheral transmitters are turned off
and the UART driving the transmitter inputs is inactive.
The system turns on again when a valid transition is
±15kV ESD-Protected, 1µA, 250kbps, 3.3V/5V, Dual
RS-232 Transceivers with Internal Capacitors
6
_______________________________________________________________________________________
MAX3233E
MAX3235E
I/O
CHIP
WITH
UART
CPU
RS-232
POWER-
MANAGEMENT
UNIT OR
KEYBOARD
CONTROLLER
FORCEOFF
FORCEON
INVALID
Figure 1. Interface Under Control of PMU
LapLink is a trademark of Traveling Software.
+0.3V
-0.3V
INVALID
R_IN
INVALID ASSERTED IF ALL RECEIVER INPUTS ARE BETWEEN +0.3V AND -0.3V FOR
AT LEAST 80
µs.
80µs
TIMER
R
+2.7V
-2.7V
INVALID
R_IN
INVALID DEASSERTED IF ANY RECEIVER INPUT HAS BEEN ABOVE +2.7V OR BELOW
-2.7V FOR 1
µs.
80µs
TIMER
R
Figure 2a. INVALID Functional Diagram, INVALID Low
Figure 2b. INVALID Functional Diagram, INVALID High


Similar Part No. - MAX3233ECWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233ECWP MAXIM-MAX3233ECWP Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
More results

Similar Description - MAX3233ECWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com