Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S15U45S Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # S15U45S
Description  15 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

S15U45S Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  S15U45S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. S15U45S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Item
Symbol
Unit
Conditions
S15U45S
Repetitive Peak Reverse Voltage
VRR
M
V
45
A
verage Rectified Output Current
I
o
A
60HZ sine wave, R- load, Ta=25℃
15
S
urge(Non-repetitive)Forward
Current
IFS
M
A
60HZ sine wave, 1 cycle, Ta=25℃
300
Current Squared Time
I2t
A2
s
1m
s≤t<8.3ms Tj=25℃
375
St
orage Temperature
Tstg
-55 ~ +150
Junction Temperature
Tj
0
5
1
+
~
5
5
-
Thermal Resistance(Typical)
R
θJ-C
/W
Between Junction and Case
8
Item
Symbol
Unit
Test Condition
Min
Typ
Max
Peak Forward Voltage
VF
M
V
I F
M =15.0A,Tj=25℃
-
0.43
0.46
I F
M =15.0A,Tj=125℃
-
0.38
0.41
Reverse Breakdown Voltage
VBR
V
IR
=0.5mA
45
-
-
Leakage Current
IR
mA
VR=45V,
Tj=25℃
-
-
0.5
VR=45V,
Tj=125℃
-
-
100
Limiting Values(Absolute Maximum Rating)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
■ Features
High surge Forward current capability
Low Power loss, High efficiency
IF(AV) 15A
VRRM
45V
■ Applications
Switching Power Supply Industry
Photovoltaic Solar cell Protection
Schottky Rectifier
Mounting Pad Layout
.014(0.35)
.010(0.25)
.039(1.00)
.031(0.80)
.075(1.90)
.071(1.80)
.045(1.15)
.041(1.05)
Bottom
Dimensions in inches and (millimeters)
TO-277/POWERDI5
.161(4.10)
.154(3.90)
.075(1.90)
.067(1.70)
.132(3.36)
.055(1.40)
.072(1.84)
LEFT PIN
RIGHT PIN
BOTTOM SIDE
HEAT SINK
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
®
S15U45S
Pb Free Plating Product
S15U45S
15 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
Pb
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.05


Similar Part No. - S15U45S

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
S15U50S THINKISEMI-S15U50S Datasheet
352Kb / 2P
   15 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
More results

Similar Description - S15U45S

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
S15U50S THINKISEMI-S15U50S Datasheet
352Kb / 2P
   15 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
V10P10 THINKISEMI-V10P10 Datasheet
380Kb / 2P
   10 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
S10U45S THINKISEMI-S10U45S Datasheet
307Kb / 2P
   10 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
S10U50S THINKISEMI-S10U50S Datasheet
410Kb / 2P
   10 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
PDS1045 THINKISEMI-PDS1045 Datasheet
293Kb / 2P
   10 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
S10U100S THINKISEMI-S10U100S Datasheet
401Kb / 2P
   10 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
V1010 THINKISEMI-V1010 Datasheet
381Kb / 2P
   10 Ampere Lower VF Miniature Surface Mount Schottky Barrier Rectifier
SK102 THINKISEMI-SK102 Datasheet
485Kb / 2P
   10.0 Ampere Surface Mount Schottky Barrier Rectifier
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
   SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com