Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3233EEPP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3233EEPP
Description  짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3233EEPP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3233EEPP Datasheet HTML 4Page - Maxim Integrated Products MAX3233EEPP Datasheet HTML 5Page - Maxim Integrated Products MAX3233EEPP Datasheet HTML 6Page - Maxim Integrated Products MAX3233EEPP Datasheet HTML 7Page - Maxim Integrated Products MAX3233EEPP Datasheet HTML 8Page - Maxim Integrated Products MAX3233EEPP Datasheet HTML 9Page - Maxim Integrated Products MAX3233EEPP Datasheet HTML 10Page - Maxim Integrated Products MAX3233EEPP Datasheet HTML 11Page - Maxim Integrated Products MAX3233EEPP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
that measured using the Human Body Model. Figure 6a
shows the IEC 1000-4-2 model, and Figure 6b shows the
current waveform for the ±8kV, IEC 1000-4-2, Level 4,
ESD contact-discharge test.
The air-gap test involves approaching the device with a
charged probe. The contact-discharge method connects
the probe to the device before the probe is energized.
Machine Model
The Machine Model for ESD tests all pins using a
200pF storage capacitor and zero discharge resis-
tance. Its objective is to emulate the stress caused by
contact that occurs with handling and assembly during
manufacturing. Of course, all pins require this protec-
tion during manufacturing, not just RS-232 inputs and
outputs. Therefore, after PC board assembly, the
Machine Model is less relevant to I/O ports.
__________Applications Information
Charge Pumps
The MAX3233E/MAX3235E do not require external
capacitors to operate their internal charge pumps.
The MAX3235E can be operated down to 3.0V by par-
alleling the internal C1 capacitor with an external 0.1µF.
When using an external capacitor across the C1 termi-
nals, check to confirm that the total supply voltage
measured from V+ to V- does not exceed the absolute
maximum voltage of 13V. With the external 0.1µF
capacitor added, the MAX3235E should not be used
with a supply greater than +3.9V.
Power-Supply Decoupling
In most applications, a 0.1µF VCC bypass capacitor is
adequate. Connect bypass capacitors as close to the
IC as possible.
Transmitter Outputs
when Exiting Shutdown
Figure 7 shows two transmitter outputs when exiting
shutdown mode. As they become active, the two trans-
mitter outputs are shown going to opposite RS-232
levels (one transmitter input is high, the other is low).
±15kV ESD-Protected, 1µA, 250kbps, 3.3V/5V, Dual
RS-232 Transceivers with Internal Capacitors
10
______________________________________________________________________________________
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 6b. IEC 1000-4-2 ESD Generator Current Waveform
10
µs/div
T1OUT
T2OUT
5V/div
0
2V/div
0
10V/div
0
VCC = 3.3V
FORCEON = FORCEOFF
Figure 7. Transmitter Outputs when Exiting Shutdown or
Powering Up
MAX3233E
MAX3235E
5k
R_ IN
R_ OUT
FORCEON
VCC
CBYPASS
VCC
FORCEOFF
T_ OUT
T_ IN
GND
VCC
1000pF
Figure 8. Loopback Test Circuit


Similar Part No. - MAX3233EEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233EEPP MAXIM-MAX3233EEPP Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
More results

Similar Description - MAX3233EEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX3316E MAXIM-MAX3316E Datasheet
190Kb / 16P
   짹15kV ESD-Protected, 2.5V, 1關A, 460kbps, RS-232 Compatible Transceivers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com