Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21091 Datasheet(PDF) 1 Page - International Rectifier

Part # IR21091
Description  HALF-BRIDGE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21091 Datasheet(HTML) 1 Page - International Rectifier

  IR21091 Datasheet HTML 1Page - International Rectifier IR21091 Datasheet HTML 2Page - International Rectifier IR21091 Datasheet HTML 3Page - International Rectifier IR21091 Datasheet HTML 4Page - International Rectifier IR21091 Datasheet HTML 5Page - International Rectifier IR21091 Datasheet HTML 6Page - International Rectifier IR21091 Datasheet HTML 7Page - International Rectifier IR21091 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HALF-BRIDGE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Undervoltage lockout for both channels
3.3V, 5V and 15V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
High side output in phase with IN input
Logic and power ground +/- 5V offset.
Internal 500ns dead-time, and programmable
up to 5us with one external RDT resistor
Lower di/dt gate driver for better noise immunity
The dual function DT/SD pin input turns off both
channels.
Available in Lead-Free
Description
The IR21091(S) are high voltage, high speed power
MOSFET and IGBT drivers with dependant high and
low side referenced output channels. Proprietary HVIC
and latch immune CMOS technologies enable rugge-
Packages
8 Lead PDIP
IR21091(S) & (PbF)
Data Sheet No. PD60191 revD
8 Lead SOIC
VOFFSET
600V max.
IO+/-
120 mA / 250 mA
VOUT
10 - 20V
ton/off (typ.)
680 & 170 ns
Dead time
500 ns
(programmable up to 5uS)
Product Summary
www.irf.com
1
Typical Connection
IR21091(S)
V
CC
V
B
V
S
HO
LO
COM
IN
DT/SD
SD
IN
up to 600V
TO
LOAD
V
CC
dized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to
3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-
conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high
side configuration which operates up to 600 volts.
(Refer to Lead Assignments for correct configuration). This/These diagram(s) show electrical connections
only. Please refer to our Application Notes and DesignTips for proper circuit board layout.


Similar Part No. - IR21091

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21091 IRF-IR21091 Datasheet
109Kb / 8P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21091 INFINEON-IR21091 Datasheet
116Kb / 8P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60191 revD
logo
International Rectifier
IR21091PBF IRF-IR21091PBF Datasheet
109Kb / 8P
   HALF-BRIDGE DRIVER
IR21091S IRF-IR21091S Datasheet
109Kb / 8P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21091S INFINEON-IR21091S Datasheet
116Kb / 8P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60191 revD
More results

Similar Description - IR21091

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com