Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223CUP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3223CUP
Description  1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223CUP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3223CUP Datasheet HTML 4Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 5Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 6Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 7Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 8Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 9Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 10Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 11Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown
8
_______________________________________________________________________________________
other system to realize that the MAX3221/MAX3223/
MAX3243 is awake. If the other system outputs valid
RS-232 signals within that time, the RS-232 ports on
both systems remain enabled.
When shut down, the device’s charge pumps are turned
off, V+ decays to VCC, V- decays to ground, and the
transmitter outputs are disabled (high impedance). The
time required to exit shutdown is typically 100µs (Figure
5b).
Software-Controlled Shutdown
If direct software control is desired, INVALID can be
used to indicate DTR or Ring Indicator signal. Tie
FORCEOFF and FORCEON together to bypass Auto-
Shutdown so the line acts like a SHDN input.
___________Applications Information
Capacitor Selection
The capacitor type used for C1–C4 is not critical for
proper operation; either polarized or nonpolarized
capacitors may be used. The charge pump requires
0.1µF capacitors for 3.3V operation. For other supply
voltages, refer to Table 3 for required capacitor values.
Do not use values smaller than those listed in Table 3.
Increasing the capacitor values (e.g., by a factor of 2)
reduces ripple on the transmitter outputs and slightly
reduces power consumption. C2, C3, and C4 can be
increased without changing C1’s value. However, do
not increase C1 without also increasing the values
of C2, C3, and C4 to maintain the proper ratios (C1
to the other capacitors).
When using the minimum required capacitor values,
make sure the capacitor value does not degrade
excessively with temperature. If in doubt, use capaci-
tors with a larger nominal value. The capacitor’s equiva-
lent series resistance (ESR) usually rises at
low temperatures and influences the amount of ripple
on V+ and V-.
Table 2. AutoShutdown Logic
RS-232 SIGNAL
PRESENT AT
RECEIVER INPUT
F
FO
OR
RC
CE
EO
OF
FF
F INPUT
FORCEON
INPUT
IIN
NV
VA
AL
LIID
D OUTPUT
TRANSCEIVER STATUS
Yes
H
X
H
Normal Operation
No
H
H
L
Normal Operation (Forced On)
No
H
L
L
Shutdown (AutoShutdown)
Yes
L
X
H
Shutdown (Forced Off)
No
L
X
L
Shutdown (Forced Off)
V-
VCC
0
V+
0
VCC
tINVL
tWU
INVALID
REGION
RECEIVER
INPUT
VOLTAGE
(V)
INVALID
OUTPUT
(V)
tINVH
TRANSMITTERS ENABLED, INVALID HIGH
AUTOSHUTDOWN, TRANSMITTERS DISABLED,
1
µA SUPPLY CURRENT, INVALID LOW
TRANSMITTERS ENABLED, INVALID HIGH
-2.7V
-0.3V
+2.7V
+0.3V
0V
INDETERMINATE
INDETERMINATE
(b)
(a)
Figure 5. AutoShutdown Trip Levels


Similar Part No. - MAX3223CUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223CUP MAXIM-MAX3223CUP Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3223CUP MAXIM-MAX3223CUP Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3223CUP MAXIM-MAX3223CUP Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX3223CUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com