Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3223CUP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3223CUP
Description  1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3223CUP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3223CUP Datasheet HTML 1Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 2Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 3Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 4Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 5Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 6Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 7Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 8Page - Maxim Integrated Products MAX3223CUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX3221/MAX3223/MAX3243 achieve 1µA supply
current with Maxim’s revolutionary AutoShutdown™ fea-
ture. When the MAX3221/MAX3223/MAX3243 do not
sense a valid signal level on their receiver inputs, the
on-board power supply and drivers shut down. This
occurs if the RS-232 cable is disconnected or if the
transmitters of the connected peripheral are turned off.
The system turns on again when a valid level is applied
to any RS-232 receiver input. As a result, the system
saves power without changes to the existing BIOS or
operating system.
The MAX3221/MAX3223/MAX3243 transceivers are 3V-
powered EIA/TIA-232 and V.28/V.24 communications
interfaces intended for notebook computer applica-
tions. A proprietary, high-efficiency, dual charge-pump
power supply and a low-dropout transmitter combine to
deliver true RS-232 performance from a single +3.0V to
+5.5V supply. A guaranteed data rate of 120kbps pro-
vides compatibility with popular software for communi-
cating with personal computers.
The MAX3221/MAX3223/MAX3243 require only 0.1µF
capacitors in 3.3V operation, and can operate from input
voltages ranging from +3.0V to +5.5V. They are ideal for
3.3V-only systems, mixed 3.3V and 5.0V systems, or
5.0V-only systems that require true RS-232 performance.
The MAX3221 is a 1-driver/1-receiver 16-pin SSOP ver-
sion of the 20-pin MAX3223 (2-driver/2-receiver). The
MAX3243 3-driver/5-receiver, complete serial port is
ideal for notebook or subnotebook computers. The
MAX3243 includes one complementary always-active
receiver. This receiver can monitor an external device
(such as a modem) in shutdown, without forward bias-
ing the protection diodes in a UART that may have VCC
completely removed.
____________________________Features
o 1µA Supply Current Achieved with AutoShutdown
o Small 0.1µF Capacitors
o True RS-232 Operation from VCC = +3.0V to +5.5V
o Meets EIA/TIA-562 Specifications Down to 2.7V
o Guaranteed 120kbps Data Rate
o 6V/µs Min Guaranteed Slew Rate
o Smallest Single-Supply RS-232 Transceiver
(MAX3221)
o Guaranteed Mouse Driveability (MAX3243)
o Small TSSOP Package (MAX3223/MAX3243)
________________________Applications
Notebook, Subnotebook, and Palmtop Computers
Battery-Powered Equipment
Hand-Held Equipment
Peripherals
Printers
1µA Supply-Current, True +3V to +5.5V
RS-232 Transceivers with AutoShutdown
________________________________________________________________ Maxim Integrated Products
1
19-0306; Rev 6; 3/99
PART
MAX3221CAE
MAX3221EUE†
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 SSOP
16 TSSOP
* Covered by U.S. Patent numbers 4,636,930; 4,679,134; 4,777,577; 4,797,899; 4,809,152; 4,897,774; 4,999,761; and other patents pending.
†Future product—contact factory for availability.
AutoShutdown is a trademark of Maxim Integrated Products.
Pin Configurations appear at end of data sheet.
Typical Operating Circuits appear at end of data sheet.
MAX3223EPP
-40°C to +85°C
20 Plastic DIP
MAX3223EAP
-40°C to +85°C
20 SSOP
MAX3243CWI
0°C to +70°C
28 Wide SO
MAX3243CAI
0°C to +70°C
28 SSOP
MAX3243EWI
-40°C to +85°C
28 Wide SO
MAX3243EAI
-40°C to +85°C
28 SSOP
MAX3223CPP
MAX3223CAP
0°C to +70°C
0°C to +70°C
20 Plastic DIP
20 SSOP
______________Ordering Information
_____________________Selector Guide
MAX3221
MAX3223
MAX3243
1
2
3
1
2
3.0 to 5.5
3.0 to 5.5
3.0 to 5.5
5
Yes
Yes
Yes
PART
Tx
Rx
VCC RANGE (V) AutoShutdown
MAX3221CUE†
0°C to +70°C
16 TSSOP
MAX3221EAE
-40°C to +85°C
16 SSOP
MAX3223CUP
0°C to +70°C
20 TSSOP
MAX3223EUP
-40°C to +85°C
20 TSSOP
MAX3243CUI
0°C to +70°C
28 TSSOP
MAX3243EUI
-40°C to +85°C
28 TSSOP
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX3223CUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3223CUP MAXIM-MAX3223CUP Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3223CUP MAXIM-MAX3223CUP Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3223CUP MAXIM-MAX3223CUP Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
More results

Similar Description - MAX3223CUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
   3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3221 MAXIM-MAX3221_15 Datasheet
331Kb / 17P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 9; 1/15
MAX3221 MAXIM-MAX3221_V01 Datasheet
1Mb / 16P
   3V to 5.5V RS-232 Transceivers with AutoShutdown
19-0306; Rev 10; 5/19
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
logo
Renesas Technology Corp
ICL3224 RENESAS-ICL3224 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_14 Datasheet
659Kb / 19P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com