Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21571 Datasheet(PDF) 5 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 5 Page - International Rectifier

  IR21571 Datasheet HTML 1Page - International Rectifier IR21571 Datasheet HTML 2Page - International Rectifier IR21571 Datasheet HTML 3Page - International Rectifier IR21571 Datasheet HTML 4Page - International Rectifier IR21571 Datasheet HTML 5Page - International Rectifier IR21571 Datasheet HTML 6Page - International Rectifier IR21571 Datasheet HTML 7Page - International Rectifier IR21571 Datasheet HTML 8Page - International Rectifier IR21571 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IR21571(S) & (PbF)
www.irf.com
5
Electrical Characteristics (cont.)
VCC = VBS = VBIAS = 14V +/- 0.25V, RT = 40.0kΩ, CT = 470 pF, RPH and RUN leads no connection, VCPH = 0.0V,
RDT = 6.1kΩ, ROC = 20.0kΩ, VCS = 0.5V, VSD = 0.0V, CL = 1000pF, TA = 25
oC unless otherwise specified.
RUN
Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
IRUNLK
Open circuit RUN lead leakage current
0.01
0.1
µAVRUN = 5V
VRUNFLT Fault-mode RUN lead voltage
0
50
mV
SD = 5V, CS = 2V,
or Tj > TSD
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
VOL
Low-level output voltage
0
100
Io = 0
VOH
High level output voltage
0
100
VBIAS - VO, Io = 0
tr
Turn-on rise time
55
85
150
tf
Turn-off fall time
35
45
100
Gate Driver Output Characteristics
mV
nsec
Note 4:
When the IC senses an overtemperature condition (Tj > 160ºC), the IC is latched off. In order to reset this
Fault Latch, the SD lead must be cycled high and then low, or the VCC supply to the IC must be cycled below
the falling undervoltage lockout threshold (VCCUV-).
Protection Circuitry Characteristics
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
VSD+
Rising shutdown lead threshold voltage
1.9
2.1
2.3
V
VSDHYS
Shutdown pin threshold hysteresis
100
150
200
mV
VCS+
Over-current sense threshold voltage
0.99
1.10
1.21
VCS-
Under-current sense threshold voltage
0.15
0.2
0.26
TCS
Over-current sense propogation delay
100
250
400
nsec
Delay from CS to LO
VDC+
Low VBUS/rectified line input upper threshold
5.0
5.20
5.6
VDC-
Low VBUS/rectified line input lower threshold
2.85
3.3
3.3
TSD
Thermal shutdown junction temperature
150
160
170
oC
Note 4
V
V


Similar Part No. - IR21571

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571 Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571 Datasheet
355Kb / 16P
   High Power Factor/Low THD
IR21571S IRF-IR21571S Datasheet
234Kb / 17P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
More results

Similar Description - IR21571

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IRS21571DSPBF IRF-IRS21571DSPBF_15 Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com